Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB10015M Datasheet (PDF) - Sanyo Semicon Device

SB10015M Datasheet PDF - Sanyo Semicon Device
Part # SB10015M
Download  SB10015M Download
File Size   42.2 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low IR Schottky Barrier Diode 15V, 1.0A Rectifier

SB10015M Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10015M Datasheet PDF - Sanyo Semicon Device

Part # SB10015M
Download  SB10015M Click to download

File Size   42.2 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low IR Schottky Barrier Diode 15V, 1.0A Rectifier

SB10015M Datasheet (HTML) - Sanyo Semicon Device


SB10015M Product details

15V, 1.0A Rectifier

Features
• Small switching noise
• Low leakage current and high reliability due to highly reliable planar structure
• Ultrasmall package permitting applied sets to be small and slim (mounting height 0.85mm)

Applications
• High frequency rectification (switching regulators, converters, choppers)




Similar Part No. - SB10015M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB10015M ONSEMI-SB10015M Datasheet
748Kb / 4P
Schottky Barrier Diode
June, 2014
logo
Sanyo Semicon Device
SB10015M-TL-E SANYO-SB10015M-TL-E Datasheet
475Kb / 6P
15V, 1.0A Rectifi er
logo
ON Semiconductor
SB10015M-TL-E ONSEMI-SB10015M-TL-E Datasheet
748Kb / 4P
Schottky Barrier Diode
June, 2014
SB10015M-TL-W ONSEMI-SB10015M-TL-W Datasheet
748Kb / 4P
Schottky Barrier Diode
June, 2014
logo
Sanyo Semicon Device
SB10015M SANYO-SB10015M_12 Datasheet
475Kb / 6P
15V, 1.0A Rectifi er
More results


Similar Description - SB10015M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
SB20015M SANYO-SB20015M Datasheet
42Kb / 3P
Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SBS011 SANYO-SBS011 Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 150mA Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 0.5A Rectifier
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBE817 SANYO-SBE817 Datasheet
59Kb / 4P
Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com