Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBH1503S Datasheet (PDF) - Sanyo Semicon Device

SBH1503S Datasheet PDF - Sanyo Semicon Device
Part # SBH1503S
Download  SBH1503S Download
File Size   45.85 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 1.5A Rectifier

SBH1503S Datasheet (PDF)

Go To PDF Page Download Datasheet
SBH1503S Datasheet PDF - Sanyo Semicon Device

Part # SBH1503S
Download  SBH1503S Click to download

File Size   45.85 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 1.5A Rectifier

SBH1503S Datasheet (HTML) - Sanyo Semicon Device


SBH1503S Product details

30V, 1.5A Rectifier

Features
• Supports automatic mounting and permits SBH1503 applied sets to be made smaller.
• Low forward voltage (VF max=0.3V).
• Average output current : IO=1.5A.




Similar Part No. - SBH1503S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBH15-03 SANYO-SBH15-03 Datasheet
18Kb / 3P
30V, 1.5A Rectifier
logo
Semikron International
SBH1520 SEMIKRON-SBH1520 Datasheet
359Kb / 2P
High temperature schottky barrier diodes
SBH1520S SEMIKRON-SBH1520S Datasheet
356Kb / 2P
High temperature schottky barrier diodes
SBH1520TL SEMIKRON-SBH1520TL Datasheet
357Kb / 2P
High temperature schottky barrier diodes
SBH1530 SEMIKRON-SBH1530 Datasheet
359Kb / 2P
High temperature schottky barrier diodes
More results


Similar Description - SBH1503S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
SB1003M3 SANYO-SB1003M3 Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 1.0A Rectifier
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
SBM1503S SANYO-SBM1503S Datasheet
45Kb / 3P
Schottky Barrier Diode 30V, 1.5A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBE807 SANYO-SBE807 Datasheet
56Kb / 3P
Schottky Barrier Diode 30V, 1.0A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com