Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0310M Datasheet (PDF) - Sanyo Semicon Device

SS0310M Datasheet PDF - Sanyo Semicon Device
Part # SS0310M
Download  SS0310M Download
File Size   32.83 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 100V, 0.3A Rectifier

SS0310M Datasheet (PDF)

Go To PDF Page Download Datasheet
SS0310M Datasheet PDF - Sanyo Semicon Device

Part # SS0310M
Download  SS0310M Click to download

File Size   32.83 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 100V, 0.3A Rectifier

SS0310M Datasheet (HTML) - Sanyo Semicon Device


SS0310M Product details

100V, 0.3A Rectifier

Features
• Low Switching noise.
• Low forward voltage (IF=0.3A, VF max=0.57V).
• Ultrasmall package permitting SS0310M applied sets to be made small and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SS0310M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
Continuous Forward Current
SS0335WFN-042-1 PACELEADER-SS0335WFN-042-1 Datasheet
586Kb / 8P
Continuous Forward Current
SS0335YCN-041 PACELEADER-SS0335YCN-041 Datasheet
190Kb / 6P
Continuous Forward Current
SS0335ZCN-042-1 PACELEADER-SS0335ZCN-042-1 Datasheet
183Kb / 7P
Continuous Forward Current
More results


Similar Description - SS0310M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG808C10R FUJI-YG808C10R Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE(100V / 30A TO-22OF15)
logo
Sanyo Semicon Device
SBR250-10JS SANYO-SBR250-10JS Datasheet
251Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 100V, 25A Rectifier
logo
Gulf Semiconductor
SB10EQ GULFSEMI-SB10EQ Datasheet
427Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 1.0A
SB8100FCT GULFSEMI-SB8100FCT Datasheet
118Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 8.0A
SB15100F GULFSEMI-SB15100F Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100CT GULFSEMI-SB20100CT Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
logo
SeCoS Halbleitertechnol...
BAS16V SECOS-BAS16V Datasheet
320Kb / 2P
0.3A , 100V Plastic-Encapsulated Transistors
SCS914DSTL SECOS-SCS914DSTL Datasheet
138Kb / 2P
0.3A , 100V Plastic-Encapsulated Switching Diode
logo
Diodes Incorporated
SBR0330CW DIODES-SBR0330CW_15 Datasheet
134Kb / 5P
SUPER BARRIER RECTIFIER 0.3A SBR짰
Rev erse
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com