Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2008 Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C2008 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C2008
Download  AS6C2008 Download
File Size   3131.99 Kbytes
Page   13 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 256K X 8 BIT LOW POWER CMOS SRAM

AS6C2008 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C2008 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C2008
Download  AS6C2008 Click to download

File Size   3131.99 Kbytes
Page   13 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 256K X 8 BIT LOW POWER CMOS SRAM

AS6C2008 Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C2008 Product details

GENERAL DESCRIPTION
The AS6C2008 is a 2,097,152-bit low power CMOS static random access memory organized as 262,144 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature.
The AS6C2008 is well designed for very low power system applications, and particularly well suited for battery back-up nonvolatile memory application.
The AS6C2008 operates from a single power supply of 2.7V ~ 3.6V.

FEATURES
■ Access time : 55ns
■ Low power consumption:
   Operating current :20mA (TYP.)
   Standby current :
      1µA (TYP.) LL-version
■ Single 2.7V ~ 3.6V power supply
■ Fully static operation
■ Tri-state output
■ Data retention voltage : 1.5V (MIN.)
■ All Products ROHS Compliant
■ Package : 32-pin 450 mil SOP
         32-pin 8mm x 20mm TSOP-I
         32-pin 8mm x 13.4mm sTSOP
         36-ball 6mm x 8mm TFBGA




Similar Part No. - AS6C2008

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C2008A ALSC-AS6C2008A Datasheet
1Mb / 15P
Fully static operation
More results


Similar Description - AS6C2008

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
Very Low Power CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
Very Low Power CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
256K X 8 BIT LOW POWER CMOS SRAM
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
256K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com