Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2008 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6C2008
Description  256K X 8 BIT LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2008 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6C2008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 1.1
256K X 8 BIT LOW POWER CMOS SRAM
FEATURES
Access time : 55ns
Low power consumption:
Operating current :20mA (TYP.)
Standby current :
1µA (TYP.) LL-version
Single 2.7V ~ 3.6V power supply
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
All Products ROHS Compliant
Package : 32-pin 450 mil SOP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm sTSOP
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The AS6C2008 is a 2,097,152-bit low power CMOS
static random access memory organized as 262,144
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The AS6C2008 is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The AS6C2008 operates from a single power
supply of 2.7V ~ 3.6V
.
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
AS6C2008 (I)
-40 ~ 85
ºC
2.7 ~ 3.6V
55ns
20µA(L)/1µA(LL)
20mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
256Kx8
MEMORY ARRAY
COLUMN I/O
A0-A17
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A17
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
®
February 2007
AS6C2008
10/February/07, v.1.0
Alliance Memory Inc.
Page 1 of 13


Similar Part No. - AS6C2008

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C2008A ALSC-AS6C2008A Datasheet
1Mb / 15P
Fully static operation
More results

Similar Description - AS6C2008

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
Very Low Power CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
Very Low Power CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
256K X 8 BIT LOW POWER CMOS SRAM
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com