Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2008 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6C2008
Description  256K X 8 BIT LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2008 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6C2008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 1.1
256K X 8 BIT LOW POWER CMOS SRAM
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to VSS
VTERM
-0.5 to 4.6
V
T
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
A
-40 to 85(I grade)
ºC
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-65 to 150
ºC
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
D
1
W
I
t
n
e
r
r
u
C
t
u
p
t
u
O
C
D
OUT
50
mA
Soldering Temperature (under 10 sec)
TSOLDER
260
ºC
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
CE2
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
H
X
X
X
High-Z
ISB,ISB1
Standby
X
L
X
X
High-Z
ISB,ISB1
Output Disable
L
H
H
H
High-Z
ICC,ICC1
Read
L
H
L
H
DOUT
ICC,ICC1
Write
L
H
X
L
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP. *4
MAX.
UNIT
Supply Voltage
VCC
V
6
.
3
0
.
3
7
.
2
Input High Voltage
VIH*1
V
-
2
.
2
CC
+0.3
V
Input Low Voltage
VIL*2
V
6
.
0
-
2
.
0
-
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH
V
-
7
.
2
2
.
2
A
m
1
-
=
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
- 55
-
20
35
mA
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH,
II/O = 0mA
Average Operating
Power supply Current
ICC1
Cycle time = 1µs
CE#≦0.2V and CE2≧VCC-0.2V,
II/O = 0mA
other pins at 0.2V or VCC-0.2V
-
4
5
mA
ISB
CE# = VIH or CE2 = VIL
-
0.3
0.5
mA
-
-
Standby Power
Supply Current
ISB1
CE# V
≧ CC
-0.2V
or CE2≦0.2V
-I*
-
1
20*5
µA
®
*I= Industrial temperature
February 2007
AS6C2008
10/February/07, v.1.0
Alliance Memory Inc.
Page 3 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com