Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3068-B-FS Datasheet (PDF) - Silicon Laboratories

SI3068-B-FS Datasheet PDF - Silicon Laboratories
Part # SI3068-B-FS
Download  SI3068-B-FS Download
File Size   723.35 Kbytes
Page   40 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description FCC EMBEDDED DIRECT ACCESS ARRANGEMENT

SI3068-B-FS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3068-B-FS Datasheet PDF - Silicon Laboratories

Part # SI3068-B-FS
Download  SI3068-B-FS Click to download

File Size   723.35 Kbytes
Page   40 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description FCC EMBEDDED DIRECT ACCESS ARRANGEMENT

SI3068-B-FS Datasheet (HTML) - Silicon Laboratories


SI3068-B-FS Product details

Description
The Si3068 is an integrated direct access arrangement (DAA) for use with an integrated DAA system-side module. It includes a V.92 quality codec, dc termination, ac termination, and an integrated hybrid, eliminating the need for an analog front end (AFE), isolation transformer, relays, optoisolator, and a 2- to 4-wire hybrid. It interfaces directly to the integrated system-side module and features Silicon Laboratories’ patented isolation technology. The Si3068 dramatically reduces the board space, component count, and cost required to implement a DAA compliant with the regulatory requirements of 49 different PTTs including FCC, JATE, China, and Korea.

Features
■ 80 dB dynamic range TX/RX paths to support up to V.92 modem speeds
■ Compliant with 49 PTTs, including FCC, JATE, China, and Korea
■ Integrated analog front end (AFE) and 2- to 4-wire hybrid
■ Integrated ring detector
■ Pulse dialing support
■ Patented >6000 V isolation technology
■ Proprietary isolation capacitor interface to integrated DAA module
■ Line voltage monitor
■ Loop current monitor
■ Caller ID support
■ Lead-free and RoHS-compliant 8-pin ESOIC package

Applications
■ V.92 modems
■ Digital televisions
■ PDAs
■ Set-top boxes
■ Fax machines
■ ePOS terminals
■ Internet appliances
■ Multi-function printers




Similar Part No. - SI3068-B-FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3060 ETC1-SI3060 Datasheet
821Kb / 62P
GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FS ETC1-SI3060-X-FS Datasheet
821Kb / 62P
GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FSR ETC1-SI3060-X-FSR Datasheet
821Kb / 62P
GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FT ETC1-SI3060-X-FT Datasheet
821Kb / 62P
GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FTR ETC1-SI3060-X-FTR Datasheet
821Kb / 62P
GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
More results


Similar Description - SI3068-B-FS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com