Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3203 Datasheet (PDF) - Silicon Laboratories

SI3203 Datasheet PDF - Silicon Laboratories
Part # SI3203
Download  SI3203 Download
File Size   208.14 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Quad ProSLIC짰 Programmable CMOS SLIC/Codec

SI3203 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3203 Datasheet PDF - Silicon Laboratories

Part # SI3203
Download  SI3203 Click to download

File Size   208.14 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Quad ProSLIC짰 Programmable CMOS SLIC/Codec

SI3203 Datasheet (HTML) - Silicon Laboratories


SI3203 Product details

Description
The Quad ProSLIC® is a series of low-voltage CMOS devices that integrate both SLIC and codec functionality into a single IC to provide a complete four-channel analog telephone interface in accordance with all relevant Telcordia, ITU, and ETSI specifications. The Si3245 supports centralized ringing for long loop and legacy applications.

Features
- Performs all BORSCHT functions
- Ideal for applications up to 20 kft (6 km)
- External bulk ringer support
- Power offloading
- Low power consumption
- 2.5 Vrms pulse metering (12/16 kHz)
- Software programmable parameters:
    - Two-wire ac impedance
    - Transhybrid balance
    - DC current loop feed (10–50 mA)
    - Loop closure and ring trip thresholds
    - Ground key detect threshold
    - Power alarms
- Automatic switching of up to three battery supplies
- On-hook transmission
- Loop or ground start operation
- Smooth polarity reversal
- DTMF decoder
- Dual tone generators
- Caller ID generator
- A-Law/µ-Law companding, linear PCM
- PCM and SPI bus digital interfaces with programmable interrupts
- GCI/IOM-2 mode support
- 3.3 V operation
- GR-909/844 loop diagnostics
- Audio diagnostics with loopback
- Pb-free/RoHS compliant packages

Applications
- Digital loop carrier (DLC) line cards
- Central office (CO) line cards
- Integrated voice and data (IVD) line cards
- Private Branch Exchange (PBX) systems




Similar Part No. - SI3203

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3203 SILABS-SI3203 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results


Similar Description - SI3203

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
Programmable CODEC SLIC Advance Information
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
Dual Programmable Extended CODEC/SLIC
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com