Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJTLMS3.CM Datasheet (PDF) - OSRAM GmbH

GWJTLMS3.CM Datasheet PDF - OSRAM GmbH
Part # GWJTLMS3.CM
Download  GWJTLMS3.CM Download
File Size   2103.48 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.

GWJTLMS3.CM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWJTLMS3.CM Datasheet PDF - OSRAM GmbH

Part # GWJTLMS3.CM
Download  GWJTLMS3.CM Click to download

File Size   2103.48 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.

GWJTLMS3.CM Datasheet (HTML) - OSRAM GmbH


GWJTLMS3.CM Product details

Features
- Package: white SMT package, colored diffused silicone resin
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 90 (min.), 92 (typ.), R9: 50 (min.)
- Lumen maintenance: Test results according to IESNA LM-80 available
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 23.5 lm @ 3000 K
- Luminous efficacy: typ. 135 lm/W @ 3000 K





Similar Part No. - GWJTLMS3.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWJTLMS3.EM OSRAM-GWJTLMS3.EM Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
GWJTLMS3.EM-G6G8-XX310-1 OSRAM-GWJTLMS3.EM-G6G8-XX310-1 Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
GWJTLMS3.EM-G6G9-XX510-1 OSRAM-GWJTLMS3.EM-G6G9-XX510-1 Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
GWJTLMS3.EM-G6GV-XX59-1 OSRAM-GWJTLMS3.EM-G6GV-XX59-1 Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
GWJTLMS3.EM-G7G9-XX39-1 OSRAM-GWJTLMS3.EM-G7G9-XX39-1 Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
More results


Similar Description - GWJTLMS3.CM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08SL8F1CTJ FREESCALE-S9S08SL8F1CTJ Datasheet
2Mb / 356P
provides the functional version of the on-chip modules
logo
STMicroelectronics
PM0223 STMICROELECTRONICS-PM0223 Datasheet
1Mb / 110P
This programming manual provides information for application and system-level software developers
15-Apr-2014
logo
Cree, Inc
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
logo
Broadcom Corporation.
ASMW-LA00 BOARDCOM-ASMW-LA00 Datasheet
897Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Cree, Inc
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 9?멫 Value LEDs
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Broadcom Corporation.
ASMW-LG00 BOARDCOM-ASMW-LG00 Datasheet
974Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Bridgelux, Inc.
SMD2835 BRIDGELUX-SMD2835 Datasheet
1Mb / 23P
Bridgelux® SMD 2835 0.2W 3V
Rev. B
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com