Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJTLMS3.CM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GWJTLMS3.CM
Description  The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJTLMS3.CM Datasheet(HTML) 2 Page - OSRAM GmbH

  GWJTLMS3.CM Datasheet HTML 1Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 2Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 3Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 4Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 5Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 6Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 7Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 8Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
GW JTLMS3.CM
DATASHEET
DATASHEET
2 | Version 1.3 | 2024-07-17
DURIS® E 2835
GW JTLMS3.CM
The pre-molded PPA 2835 LED version with standard 2835
footprint provides competitive value in application and system
level. The DURIS® E 2835 0.2W SOFTLINEAR combines good
mechanical flexibility and a wide beam angle into a compact
format (2.8 mm x 3.5 mm). This product fits well to flexible strips
general lighting application. DURIS® E 2835 never fails to
impress with its performance on system level.
Applications
- Indoor Lighting
Features
- Package: white SMT package, colored diffused silicone resin
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 90 (min.), 92 (typ.), R9: 50 (min.)
- Lumen maintenance: Test results according to IESNA LM-80 available
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 23.5 lm @ 3000 K
- Luminous efficacy: typ. 135 lm/W @ 3000 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com