Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJTLMS3.CM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWJTLMS3.CM
Description  The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJTLMS3.CM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWJTLMS3.CM Datasheet HTML 1Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 2Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 3Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 4Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 5Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 6Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 7Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 8Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
GW JTLMS3.CM
DATASHEET
DATASHEET
1 | Version 1.3 | 2024-07-17
www.osram-os.com
GW JTLMS3.CM
Datasheet
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - GWJTLMS3.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWJTLMS3.EM OSRAM-GWJTLMS3.EM Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
GWJTLMS3.EM-G6G8-XX310-1 OSRAM-GWJTLMS3.EM-G6G8-XX310-1 Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
GWJTLMS3.EM-G6G9-XX510-1 OSRAM-GWJTLMS3.EM-G6G9-XX510-1 Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
GWJTLMS3.EM-G6GV-XX59-1 OSRAM-GWJTLMS3.EM-G6GV-XX59-1 Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
GWJTLMS3.EM-G7G9-XX39-1 OSRAM-GWJTLMS3.EM-G7G9-XX39-1 Datasheet
1Mb / 26P
The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
Version 1.1 2024-07-17
More results

Similar Description - GWJTLMS3.CM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08SL8F1CTJ FREESCALE-S9S08SL8F1CTJ Datasheet
2Mb / 356P
provides the functional version of the on-chip modules
logo
STMicroelectronics
PM0223 STMICROELECTRONICS-PM0223 Datasheet
1Mb / 110P
This programming manual provides information for application and system-level software developers
15-Apr-2014
logo
Cree, Inc
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
logo
Broadcom Corporation.
ASMW-LA00 BOARDCOM-ASMW-LA00 Datasheet
897Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Cree, Inc
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 9?멫 Value LEDs
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Broadcom Corporation.
ASMW-LG00 BOARDCOM-ASMW-LG00 Datasheet
974Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Bridgelux, Inc.
SMD2835 BRIDGELUX-SMD2835 Datasheet
1Mb / 23P
Bridgelux® SMD 2835 0.2W 3V
Rev. B
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com