Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJTLMS3.CM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWJTLMS3.CM
Description  The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJTLMS3.CM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWJTLMS3.CM Datasheet HTML 8Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 9Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 10Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 11Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 12Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 13Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 14Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 15Page - OSRAM GmbH GWJTLMS3.CM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
GW JTLMS3.CM
DATASHEET
DATASHEET
12 | Version 1.3 | 2024-07-17
Forward current 6)
I
F = f(VF); TJ = 25 °C
GW JTLMS3.CM
2,62,7
2,82,9
3,03,1
VF /V
10
90
20
40
60
80
IF /mA
Relative Luminous Flux 6), 7)
Φ
v/Φv(60 mA) = f(IF); TJ = 25 °C
GW JTLMS3.CM
IF /mA
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
ΦV
ΦV(60mA)
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(I
F); TJ = 25 °C
GW JTLMS3.CM
IF /mA
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com