Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDDLM32.EH Datasheet (PDF) - OSRAM GmbH

KWDDLM32.EH Datasheet PDF - OSRAM GmbH
Part # KWDDLM32.EH
Download  KWDDLM32.EH Download
File Size   2057.71 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The square package with just 2mm outline combines best performance with a small footprint for environments where improved corrosion robustness is needed.

KWDDLM32.EH Datasheet (PDF)

Go To PDF Page Download Datasheet
KWDDLM32.EH Datasheet PDF - OSRAM GmbH

Part # KWDDLM32.EH
Download  KWDDLM32.EH Click to download

File Size   2057.71 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The square package with just 2mm outline combines best performance with a small footprint for environments where improved corrosion robustness is needed.

KWDDLM32.EH Datasheet (HTML) - OSRAM GmbH


KWDDLM32.EH Product details

Features
- Package: white SMT package, colored diffused silicone resin
- Chip technology: Volume emitter on Sapphire (AlInGaN)
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 6500K
- CRI: 80 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux @ 4000 K: typ. 54.5 lm
- Luminous Efficiency: 189 lm/W @ 4000 K @ 100 mA
- Corrosion Robustness Class: 3B (40°C / 90 % RH / 15 ppm H2S / 14 days)





Similar Part No. - KWDDLM32.EH

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDDLN31.SK OSRAM-KWDDLN31.SK Datasheet
2Mb / 25P
The SYNIOS® P2222 is the new standard mid-power LED for Automotive Signaling applications.
Version 1.0 2024-01-23
More results


Similar Description - KWDDLM32.EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU8007 PHILIPS-BGU8007 Datasheet
331Kb / 2P
The best reception of GNSS signals with the smallest footprint
October 2011
logo
TEMEX
ROX2525S4 TEMEX-ROX2525S4 Datasheet
468Kb / 2P
The ROX2525S4 OCXO is a perfect choice where performance versus space is at a premium
logo
A-BRIGHT Inc
AL-01CEUV3WC-1A2 A-BRIGHT-AL-01CEUV3WC-1A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-2A2 A-BRIGHT-AL-01CEUV3WC-2A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-3A2 A-BRIGHT-AL-01CEUV3WC-3A2 Datasheet
311Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEWW1WCP-A2 A-BRIGHT-AL-01CEWW1WCP-A2 Datasheet
657Kb / 11P
Lead spacing is measured where the leads emerge from the package
logo
Littelfuse
476 LITTELFUSE-476 Datasheet
912Kb / 3P
The 476 Series is a family of 250V rated fuses with a very small 2410 footprint. It is the smallest
logo
ams AG
KBDDLM31.13 AMSCO-KBDDLM31.13 Datasheet
1Mb / 21P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
KYDDLM31.23 AMSCO-KYDDLM31.23 Datasheet
1Mb / 21P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
KYDDLM31.FY AMSCO-KYDDLM31.FY Datasheet
1Mb / 22P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com