Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDDLN31.SK Datasheet (PDF) - OSRAM GmbH

KWDDLN31.SK Datasheet PDF - OSRAM GmbH
Part # KWDDLN31.SK
Download  KWDDLN31.SK Download
File Size   2151.97 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The SYNIOS® P2222 is the new standard mid-power LED for Automotive Signaling applications.

KWDDLN31.SK Datasheet (PDF)

Go To PDF Page Download Datasheet
KWDDLN31.SK Datasheet PDF - OSRAM GmbH

Part # KWDDLN31.SK
Download  KWDDLN31.SK Click to download

File Size   2151.97 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The SYNIOS® P2222 is the new standard mid-power LED for Automotive Signaling applications.

KWDDLN31.SK Datasheet (HTML) - OSRAM GmbH


KWDDLN31.SK Product details

Features
- Package: white SMT package, colored diffused silicone resin
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - KWDDLN31.SK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDDLM32.EH OSRAM-KWDDLM32.EH Datasheet
2Mb / 25P
The square package with just 2mm outline combines best performance with a small footprint for environments where improved corrosion robustness is needed.
Version 1.0 2024-05-20
More results


Similar Description - KWDDLN31.SK

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBTA56 ETL-GMBTA56 Datasheet
230Kb / 2P
The GMBTA56 is amplifier applications.
logo
STMicroelectronics
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
The SPC560Bx and SPC560Cx is a new family
17-Sep-2013
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
The new regulation on the power supply standby consumption for the battery charger
10-Nov-2014
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
Release the device key. The LED is ON
logo
International Rectifier
IRDC3065 IRF-IRDC3065 Datasheet
540Kb / 6P
The IRU3065 controller is designed to provide solutions for the applications requiring low power on board switching regulators. The IRU3065 is specifically
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
New standard for the semi-automatic dicer with new operability
logo
Molex Electronics Ltd.
200222-0300 MOLEX-200222-0300 Datasheet
230Kb / 2P
This tool is for the insertion and extraction of MultiCat Mid-Power terminals
01-22-20
logo
ams AG
KWDMLN34.EC AMSCO-KWDMLN34.EC Datasheet
1Mb / 23P
This compact LED device is part of the SYNIOS P2720 family.
Version 1.1 2020-07-30
KWDMLS33.SG AMSCO-KWDMLS33.SG Datasheet
1Mb / 25P
KW DMLS33.SG is part of the SYNIOS P2720 family.
Version 1.7 2023-03-07
KRTBDWLM32.32 AMSCO-KRTBDWLM32.32 Datasheet
2Mb / 33P
The OSIRE E3323 is designed for automotive ambient applications.
Version 1.3 2023-03-09
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com