Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX1574 Datasheet PDF - Texas Instruments
Part # TMUX1574
Download  TMUX1574 Download
File Size   1974.88 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic

TMUX1574 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX1574 Datasheet PDF - Texas Instruments

Part # TMUX1574
Download  TMUX1574 Click to download

File Size   1974.88 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic

TMUX1574 Datasheet (HTML) - Texas Instruments


TMUX1574 Product details

1 Features
1• Wide supply range: 1.5 V to 5.5 V
• Low on-capacitance: 7.5 pF
• Low on-resistance: 2 Ω
• High bandwidth: 2 GHz
• -40°C to +125°C operating temperature
• 1.8 V Logic Compatible
• Supports Input Voltage Beyond Supply
• Integrated Pull Down Resistor on Logic Pins
• Bidirectional Signal Path
• Fail-Safe Logic
• Powered-off Protection up to 3.6 V Signals
– Pinout compatible to SN74CBTLV3257

2 Applications
• Flash memory sharing
• JTAG multiplexing
• SPI multiplexing
• eMMC multiplexing
• Servers
• Data center switches & routers
• Wireless infrastructure
• PC & notebooks
• Building automation
• Grid infrastructure
• ePOS
• Appliances

3 Description
The TMUX1574 is a complementary metal-oxide
semiconductor (CMOS) switch. The TMUX1574
offers 2:1 SPDT switch configuration with 4-channels.
Wide operating supply of 1.5 V to 5.5 V allows for use
in a broad array of applications from servers and
communication equipment to industrial applications.
The device supports bidirectional analog and digital
signals on the source (SxA, SxB) and drain (Dx) pins
and can pass signals above supply up to VDD x 2,
with a maximum input/output voltage of 5.5 V.
Powered-off Protection up to 3.6 V on the signal path
of the TMUX1574 provides isolation when the supply
voltage is removed (VDD = 0 V). Without this
protection feature, switches can back-power the
supply rail through an internal ESD diode and cause
potential damage to the system.
Fail-Safe Logic circuitry allows voltages on the logic
control pins to be applied before the supply pin,
protecting the device from potential damage. All
control inputs have 1.8 V logic compatible thresholds,
ensuring both TTL and CMOS logic compatibility
when operating in the valid supply voltage range.
Integrated pull down resistor on the logic pins
removes external components to reduce system size
and cost.




Similar Part No. - TMUX1574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI-TMUX1574 Datasheet
1Mb / 44P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
DECEMBER 2019
TMUX1574 TI2-TMUX1574 Datasheet
2Mb / 45P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
REVISED DECEMBER 2019
TMUX1574DYYR TI1-TMUX1574DYYR Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
More results


Similar Description - TMUX1574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511_18 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
SN3257-Q1 TI1-SN3257-Q1 Datasheet
668Kb / 29P
2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574_V01 Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1575 TI-TMUX1575 Datasheet
935Kb / 25P
TMUX1575 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch in WCSP with 1.2 V Logic
logo
Vishay Siliconix
DG2012E VISHAY-DG2012E Datasheet
166Kb / 10P
Powered-off Protection, 1 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
TMUX6236 TI1-TMUX6236_V02 Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com