Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POP Datasheet (PDF) - Amkor Technology

POP Datasheet PDF - Amkor Technology
Part # POP
Download  POP Download
File Size   1575.63 Kbytes
Page   4 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Bottom PoP Technologies

POP Datasheet (PDF)

Go To PDF Page Download Datasheet
POP Datasheet PDF - Amkor Technology

Part # POP
Download  POP Click to download

File Size   1575.63 Kbytes
Page   4 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Bottom PoP Technologies

POP Datasheet (HTML) - Amkor Technology


POP Product details

Applications
PoP packages are designed for products requiring efficient memory architectures including multiple buses and increased memory density and performance, while reducing mounted area. Portable electronic products such as mobile phones (baseband or applications processor plus combo memory), digital cameras (image processor plus memory), portable media players (audio/graphics processor plus memory), gaming and other mobile applications can benefit from the combination of stacked package and small footprint offered by Amkor’s PoP family.

Features
10-15 mm body sizes tooled per product table, additional sizes based on demand
Top package I/O interface 0.65 mm pitch accommodating 104 to 160 pin counts
Wafer thinning/handling <100 μm
Mature PoP platform with consistent product performance and reliability
Package configurations compliant with JEDEC standards
Bottom PSvfBGA and top FBGA/Stacked CSP packages are well established in high volume production with multi-region and factory support
Stacked package heights of 1.3 mm to 1.5 mm available in a variety of configurations (See Stack Up Tables on following pages)




Similar Part No. - POP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
POP-100 AAEON-POP-100 Datasheet
288Kb / 2P
10.2??16:9 Point Of Promotion Panel PC
POP-150 AAEON-POP-150 Datasheet
436Kb / 2P
15??4:3 Point Of Promotion Panel PC
POP-190 AAEON-POP-190 Datasheet
458Kb / 2P
19??16:9 Point Of Promotion Panel PC
POP-70 AAEON-POP-70 Datasheet
272Kb / 2P
7??16:9 Point Of Promotion Panel PC
logo
List of Unclassifed Man...
POP1035 ETC-POP1035 Datasheet
29Kb / 1P
2.8x Eyeglass Magnifier
More results


Similar Description - POP

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
based MCP/PoP Products
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
based MCP/PoP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
pop switch
logo
Protek Devices
PA4201 PROTEC-PA4201_09 Datasheet
1,004Kb / 8P
Pop-Up-Noise Killer
PA4401 PROTEC-PA4401 Datasheet
115Kb / 7P
Click-Pop Suppression Device
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
Click-Pop Suppression Device
logo
Silicon image
BCM54640EB2KFBG SILICONIMAGE-BCM54640EB2KFBG Datasheet
23Kb / 1P
Siliconexpert Technologies
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
Pop reduction circuitry
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Energizer
ENFPU41E ENERGIZER-ENFPU41E Datasheet
231Kb / 1P
Mini Pop-Up Lantern
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com