Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POP Datasheet(PDF) 2 Page - Amkor Technology

Part # POP
Description  Bottom PoP Technologies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

POP Datasheet(HTML) 2 Page - Amkor Technology

  POP Datasheet HTML 1Page - Amkor Technology POP Datasheet HTML 2Page - Amkor Technology POP Datasheet HTML 3Page - Amkor Technology POP Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Standard Materials
f
Standard RoHS and green material sets available
f
Package substrate
▷ Conductor: Copper
▷ Dielectric: Thin core FR5 or equivalent
f
Die attach adhesive: Conductive or non-conductive
f
Encapsulant: Epoxy mold compound
f
Solder ball: Pb-free
Reliability Qualification
Amkor assures reliable performance by continuously monitoring key indices.
Package Level
f
Moisture resistance testing: JEDEC level 3 @ 260°C x 3 reflows
f
Additional test data: 30°C, 85% RH, 96 hours @ 260°C x 4
f
uHAST: 130°C, 85% RH, 96 hours
f
Temp/Humidity: 85°C, 85% RH, 1000 hours
f
Temp cycle: -55°C/+125°C, 1000 cycles
f
High temp storage: 150°C, 1000 hours
Board Level
f
Thermal cycle: -40°C/+125°C, 1000 cycles
Package Dimensions
f
PSvfBGA: 10 x 10 mm to 15 x 15 mm
f
PSfcCSP: 12 x 12 mm to 13 x 13 mm
f
TMV® PoP: 12 x 12 mm to 14 x 14 mm
Shipping
f
JEDEC trays
Features
f
10-15 mm body sizes tooled per product table,
additional sizes based on demand
f
Top package I/O interface 0.65 mm pitch
accommodating 104 to 160 pin counts
f
Wafer thinning/handling <100 μm
f
Mature PoP platform with consistent product
performance and reliability
f
Package configurations compliant with JEDEC
standards
f
Bottom PSvfBGA and top FBGA/Stacked CSP
packages are well established in high volume
production with multi-region and factory support
f
Stacked package heights of 1.3 mm to 1.5 mm
available in a variety of configurations (See Stack Up
Tables on following pages)
Process Highlights
f
Die thickness: 75 μm to 125 μm
f
Bond pad pitch (min): 45 μm (in-line)
f
Marking: Laser
f
Wafer thinning: 200 & 300 mm wafers
Test Services
f
Program generation/conversion
f
Product engineering
f
Dual sided contactor system available
f
Tape and reel services



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com