Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POP Datasheet(PDF) 1 Page - Amkor Technology

Part # POP
Description  Bottom PoP Technologies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

POP Datasheet(HTML) 1 Page - Amkor Technology

  POP Datasheet HTML 1Page - Amkor Technology POP Datasheet HTML 2Page - Amkor Technology POP Datasheet HTML 3Page - Amkor Technology POP Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bottom PoP Technologies
Amkor’s popular Package Stackable Very Thin Fine Pitch BGA (PSvfBGA)
platform supports single die, stacked die using wirebond or hybrid (FC
plus wirebond) stacks and has been applied to Flip Chip (FC) applications
to improve warpage control and package integrity through test and SMT
handling.
As handheld microprocessors have transitioned to advanced CMOS nodes
with higher speed cores with higher I/O, there has been a transition from
wirebond to flip chip die designs. Flip chip enables the use of an exposed
die bottom package that integrates the package stacking design features
of PSvfBGA in a fcCSP assembly flow, which Amkor calls Package Stackable
Flip Chip Chip Scale Package (PSfcCSP). PSfcCSP has a thin exposed FC die
enabling fine pitch stacked interfaces at 0.5 mm pitch which is a challenge
in a center molded PSvfBGA structure.
Continued development resulted in Amkor entering the second generation
of PoP applications where new memory architectures, required in mobile
multimedia applications, demand higher density stacked interfaces in
combination with PoP mounted area and height reductions. The previous
PSvfBGA and PSfcCSP structures limited the ability of the memory interface to
scale in density and pitch, resulting in the need for a new bottom PoP structure.
Amkor developed new technologies to create the next-generation PoP
solution with interconnect vias through the mold cap. Known as Through
Mold Via (TMV®), this technology provides a stable bottom package that
enables use of thinner substrates with a larger die to package ratio. TMV®
enabled PoP can support single, stacked die or FC designs. TMV® is an ideal
solution for the emerging 0.4 mm pitch low power DDR2 memory interface
requirements and enables the stacked interface to scale with solder ball
pitch densities to 0.3 mm pitch or below.
The next few years promise to provide many new challenges and
applications for PoP, as handheld multimedia applications continue to
demand higher signal processing power and data storage capabilities.
Amkor is committed to maintaining strong development and production
capabilities to ensure we are at the forefront in meeting next-generation
PoP requirements.
Applications
PoP packages are designed for products requiring efficient memory
architectures including multiple buses and increased memory density and
performance, while reducing mounted area. Portable electronic products
such as mobile phones (baseband or applications processor plus combo
memory), digital cameras (image processor plus memory), portable media
players (audio/graphics processor plus memory), gaming and other mobile
applications can benefit from the combination of stacked package and
small footprint offered by Amkor’s PoP family.
Package-on-Package (PoP)
TECHNOLOGY SOLUTIONS
BENEFITS AS AN ENABLING
TECHNOLOGY
PoP offers OEMs and EMS providers
a flexible platform to cost effectively
integrate logic plus memory devices in
a 3D stacked architecture. Integration
through PoP provides technical and
business/logistics benefits.
f
Greatly expands device and supplier
options by simplifying the business
logistics of stacking
f
Integration controlled at the
system level to best match stacked
combinations including memory
architecture with the system
requirements
f
JEDEC standards ensure broad
component availability
f
Improving time-to-market, inventory
management and supply chain
flexibility
f
Eliminates margin stacking and
expands technology reuse
f
Provides the lowest total cost of
ownership where complex 3D
integration of logic plus memory is
required


Similar Part No. - POP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
POP-100 AAEON-POP-100 Datasheet
288Kb / 2P
10.2??16:9 Point Of Promotion Panel PC
POP-150 AAEON-POP-150 Datasheet
436Kb / 2P
15??4:3 Point Of Promotion Panel PC
POP-190 AAEON-POP-190 Datasheet
458Kb / 2P
19??16:9 Point Of Promotion Panel PC
POP-70 AAEON-POP-70 Datasheet
272Kb / 2P
7??16:9 Point Of Promotion Panel PC
logo
List of Unclassifed Man...
POP1035 ETC-POP1035 Datasheet
29Kb / 1P
2.8x Eyeglass Magnifier
More results

Similar Description - POP

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
based MCP/PoP Products
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
based MCP/PoP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
pop switch
logo
Protek Devices
PA4201 PROTEC-PA4201_09 Datasheet
1,004Kb / 8P
Pop-Up-Noise Killer
PA4401 PROTEC-PA4401 Datasheet
115Kb / 7P
Click-Pop Suppression Device
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
Click-Pop Suppression Device
logo
Silicon image
BCM54640EB2KFBG SILICONIMAGE-BCM54640EB2KFBG Datasheet
23Kb / 1P
Siliconexpert Technologies
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
Pop reduction circuitry
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Energizer
ENFPU41E ENERGIZER-ENFPU41E Datasheet
231Kb / 1P
Mini Pop-Up Lantern
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com