Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC2190-WLPR Datasheet (PDF) - 3PEAK INC.

TPC2190-WLPR Datasheet PDF - 3PEAK INC.
Part # TPC2190-WLPR
Download  TPC2190-WLPR Download
File Size   1708.19 Kbytes
Page   30 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 8-Channel high precision Voltage output DAC with internal Reference

TPC2190-WLPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC2190-WLPR Datasheet PDF - 3PEAK INC.

Part # TPC2190-WLPR
Download  TPC2190-WLPR Click to download

File Size   1708.19 Kbytes
Page   30 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 8-Channel high precision Voltage output DAC with internal Reference

TPC2190-WLPR Datasheet (HTML) - 3PEAK INC.


TPC2190-WLPR Product details

Features
• High accuraccy
– INL: typical ±1LSB at 16-bit Resolution
• Integrated 2.5V Internal Reference
– Low Drift: 5ppm/℃
• Flexible output configuration
– User selectable Gain: 1/2, 1, 2
– Reset to Zero Scale or Midscale
• High output current capability: 20mA
• Serial Interfaces
– 4 Wire SPI Compatible Serial Interface
– Daisy Chain Operation
– CRC Error Check
• Temperature Range: −40°C to +125°C
• Package: QFN 3X3-16, WLCSP 2.4X2.4-16
Applications
• Industrial automation
• Optical networking
• Data Acquisition Systems
Description
The TPC219 is faimily of high accuracy DACs with 16, 14
and 12bit resolution which are all pin-compatible.
The device includes a 2.5V internal reference, which can
be used to reduce system complexity
Several gain options could be selected to provide different
full scale output voltages, 1.25V, 2.5V and 5V.
The device operates under a single analog supply, and
has seperate VIO supply for digital communication. The
communication is performed through a serial interface, and
can operate under wide range VIO supply voltage.
A power on reset circuit is intergraged to maintain the DAC
output at zero scale or midscale.
The device is characterized for temeprature range of -40℃
to 125 ℃. And is available in small package of QFN and
WLCSP.




Similar Part No. - TPC2190-WLPR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TPC2133GLFG ITT-TPC2133GLFG Datasheet
315Kb / 3P
Tri-direction Scan Switch
More results


Similar Description - TPC2190-WLPR

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81404 TI-DAC81404 Datasheet
3Mb / 45P
DAC81404 Quad, 16-Bit, High-Voltage-Output DAC With Internal Reference
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com