Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCSP Datasheet (PDF) - Amkor Technology

SCSP Datasheet PDF - Amkor Technology
Part # SCSP
Download  SCSP Download
File Size   1197.61 Kbytes
Page   3 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description The Stacked CSP family leverages Amkor’s industry-leading ChipArray® Ball Grid Array (CABGA) manufacturing capabilities.

SCSP Datasheet (PDF)

Go To PDF Page Download Datasheet
SCSP Datasheet PDF - Amkor Technology

Part # SCSP
Download  SCSP Click to download

File Size   1197.61 Kbytes
Page   3 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description The Stacked CSP family leverages Amkor’s industry-leading ChipArray® Ball Grid Array (CABGA) manufacturing capabilities.

SCSP Datasheet (HTML) - Amkor Technology


SCSP Product details

FEATURES
2-21 mm body size
Package height down to 0.5 mm
High die count pure memory, eMMC, eMCP and MCP
Design, assembly and test capabilities that enable stacking of DRAM with logic or flash memory devices
Logic/Flash, digital/analog and other ASIC/memory combinations of 320 I/O and greater
Established package infrastructure with standard CABGA footprints
Consistent product performance, high yields and reliability
JEDEC standard outlines including MO-192 and MO-219
Thin DA film and spacer technology, FoW and FoD
Extended die overhang wirebonding
Low loop wirebonding less than 35 μm
Vacuum transfer and compression molding
Wafer thinning/handling to 25 μm
Pb-free, RoHS compliant and green materials
Passive component integration options

Applications
SCSP is the best solution to address a range of design requirem ents, including:
Higher memory capacity and more efficient memory architectures
Smaller, lighter and more innovative product form factors
Lower cost and more space efficiency




Similar Part No. - SCSP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
SCSP AMKOR-SCSP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
Semtech Corporation
SCSPF4L SEMTECH-SCSPF4L Datasheet
67Kb / 2P
FAST RECOVERY HIGH CURRENT DOUBLER AND CENTER TAPS
SCSPFF05L SEMTECH-SCSPFF05L Datasheet
71Kb / 2P
SUPERFAST HIGH CURRENT DOUBLER AND CENTER TAPS
SCSPFF10L SEMTECH-SCSPFF10L Datasheet
71Kb / 2P
SUPERFAST HIGH CURRENT DOUBLER AND CENTER TAPS
SCSPFF15L SEMTECH-SCSPFF15L Datasheet
71Kb / 2P
SUPERFAST HIGH CURRENT DOUBLER AND CENTER TAPS
More results


Similar Description - SCSP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array - Stacked Die
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
Leading the Industry in High-Performance System Test
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
ball grid array (bga) resistor networks
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
Ball Grid Array Packaging
04.24.14
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
Industry-leading accuracy and repeatability
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com