Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCSP Datasheet(PDF) 2 Page - Amkor Technology

Part # SCSP
Description  The Stacked CSP family leverages Amkor’s industry-leading ChipArray® Ball Grid Array (CABGA) manufacturing capabilities.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SCSP Datasheet(HTML) 2 Page - Amkor Technology

  SCSP Datasheet HTML 1Page - Amkor Technology SCSP Datasheet HTML 2Page - Amkor Technology SCSP Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Stacked CSP (SCSP)
Process Highlights
f
Die quantity, stack: Up to 24 high die configurations
f
Ball pad pitch: 0.3, 0.4, 0.5, 0.65, 0.75, 0.8 mm
f
Die thickness (min): Down to 25 µm
f
Laminate core thickness: 40, 50, 60, 100 or 150 µm
f
Ball diameter: 0.25, 0.30, 0.40, 0.46 mm
f
Die bond pitch (min): 35 µm (in-line) with roadmap
to 25 µm
f
Wirebond length (max): 5 mm (200 mils)
f
Wirebond diameter (min): 15, 18, 20, 25, 30 µm
f
Low loop wirebonding: 35 µm
f
Wafer thinning: 200 & 300 mm wafers
Standard Materials
f
Package substrate
▷ Dielectric: Laminate (e.g., DS7409, E679,
BT polyimide (e.g., Kapton)
▷ Layer count (laminate): 2-6
f
Die attach: Film DA compatible with all
passivation types
f
Wire type: Ag, Gold, Cu, PCC, high tensile strength
f
Encapsulant: Thixotropic epoxy (black)
f
Solder balls: 63 Sn/37 Pb & Pb-Free Sn/3-4 Ag/0.5 Cu
f
Device type: Silicon, SiGe, etc.
f
Marking: Laser
Stacked CSP Key Technologies
Stacked CSP Cross Section
2 Die On 2-Layer Laminate Structure
Stacked CSP Cross Section
2 + 1 Die On 4-Layer Laminate Structure
Stacked CSP Cross Section
3 + 1 Logic + Memory
Same Size (SS) Die Stacked CSP
Cross Section
2 Die On 2-Layer Laminate Structure
Low loop wirebonding
Film on wire
A
B
B
Die attach film/paste
Top and bottom die
A
B
C
Solderball
Dielectric
D
C
D
B
A
A
Die attach film/paste
Bottom and side die
A
B
C
Solder ball
Dielectric
D
C
D
B
A
Die attach film/paste
Top and bottom die
A
B
C
Solder ball
Dielectric
D
C
D
B
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com