Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCSP Datasheet(PDF) 1 Page - Amkor Technology

Part # SCSP
Description  The Stacked CSP family leverages Amkor’s industry-leading ChipArray® Ball Grid Array (CABGA) manufacturing capabilities.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SCSP Datasheet(HTML) 1 Page - Amkor Technology

  SCSP Datasheet HTML 1Page - Amkor Technology SCSP Datasheet HTML 2Page - Amkor Technology SCSP Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Stacked CSP technology enables the stacking of a wide range of different
semiconductor devices to deliver the high level of silicon integration and
area efficiency required in portable multi-media products.
Stacked CSP utilizes high-density thin core substrates, advanced materials
(i.e., thin film die attach adhesive, fine filler epoxy mold compound), along
with leading-edge wafer thinning, die attach, wirebonding and molding
capabilities to stack multiple devices in a conventional fine pitch BGA
(FBGA) surface mount component. These advanced assembly capabilities in
combination with Amkor’s expertise in design and test, enable stacks up to
16 active devices while optimizing yield and mounted height requirements.
Customers have relied on Amkor to solve their most complex and highest
density device stack combinations. As a result, Amkor has established
industry leadership in stacking pure memory, mixed signal and logic +
memory devices, including NAND, NOR and DRAM memory, digital base
band or applications processors + high density flash or mobile DRAM
devices. Designers are looking to Stacked CSP technologies to achieve a
high level of integration, along with size and cost reductions in future chip
set combinations.
Applications
SCSP is the best solution to address a range of design requirements,
including:
f
Higher memory capacity and more efficient memory architectures
f
Smaller, lighter and more innovative product form factors
f
Lower cost and more space efficiency
Reliability Qualification
Package Level
f
Moisture sensitivity characterization: JEDEC level 3 @ 260°C;
additional test data at: [(30°C/85% RH, 96 hours)+260] x2 or 3
f
HAST: 130°C/85% RH, 96 hours
f
Temp/Humidity: 85°C/85% RH, 1000 hours
f
Temp cycle: -55°C/+125°C, 1000 cycles
f
High temp storage: 150°C, 1000 hours
Board Level
f
Thermal cycle: -40°C/+125°C, 1000 cycles
The Stacked CSP family leverages Amkor’s industry-leading
ChipArray® Ball Grid Array (CABGA) manufacturing capabilities. This
broad, high-volume infrastructure enables the rapid deployment of
advances in die stacking technology across multiple products and
factories to achieve lowest total cost requirements.
Stacked CSP (SCSP)
DATA SHEET | LAMINATE PRODUCTS
FEATURES
f
2-21 mm body size
f
Package height down to 0.5 mm
f
High die count pure memory, eMMC,
eMCP and MCP
f
Design, assembly and test capabilities
that enable stacking of DRAM with
logic or flash memory devices
f
Logic/Flash, digital/analog and other
ASIC/memory combinations of 320 I/O
and greater
f
Established package infrastructure
with standard CABGA footprints
f
Consistent product performance, high
yields and reliability
f
JEDEC standard outlines including
MO-192 and MO-219
f
Thin DA film and spacer technology,
FoW and FoD
f
Extended die overhang wirebonding
f
Low loop wirebonding less than 35 µm
f
Vacuum transfer and compression
molding
f
Wafer thinning/handling to 25 µm
f
Pb-free, RoHS compliant and green
materials
f
Passive component integration
options


Similar Part No. - SCSP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
SCSP AMKOR-SCSP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
Semtech Corporation
SCSPF4L SEMTECH-SCSPF4L Datasheet
67Kb / 2P
FAST RECOVERY HIGH CURRENT DOUBLER AND CENTER TAPS
SCSPFF05L SEMTECH-SCSPFF05L Datasheet
71Kb / 2P
SUPERFAST HIGH CURRENT DOUBLER AND CENTER TAPS
SCSPFF10L SEMTECH-SCSPFF10L Datasheet
71Kb / 2P
SUPERFAST HIGH CURRENT DOUBLER AND CENTER TAPS
SCSPFF15L SEMTECH-SCSPFF15L Datasheet
71Kb / 2P
SUPERFAST HIGH CURRENT DOUBLER AND CENTER TAPS
More results

Similar Description - SCSP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array - Stacked Die
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
Leading the Industry in High-Performance System Test
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
ball grid array (bga) resistor networks
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
Ball Grid Array Packaging
04.24.14
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
Industry-leading accuracy and repeatability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com