Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOLL Datasheet (PDF) - Amkor Technology

TOLL Datasheet PDF - Amkor Technology
Part # TOLL
Download  TOLL Download
File Size   735.05 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description TOLL (TO-Leadless) is a highly efficient space-saving package designed for currents up to 300A in automotive applications.

TOLL Datasheet (PDF)

Go To PDF Page Download Datasheet
TOLL Datasheet PDF - Amkor Technology

Part # TOLL
Download  TOLL Click to download

File Size   735.05 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description TOLL (TO-Leadless) is a highly efficient space-saving package designed for currents up to 300A in automotive applications.

TOLL Datasheet (HTML) - Amkor Technology


TOLL Product details

FEATURES
Lowest Rds(on)
Current capability (300A)
Very low package parasitics and inductances
Paralleling & cooling reduction
System cost reduction
Compact design

Applications
TOLL is suitable for high-power applications, designed for low on-resistance and high-speed-switching MOSFETs.
Automotive
Telecom
Point of Load (POL)
Light Electric Vehicles (LEV)
Battery management




Similar Part No. - TOLL

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
TOL-09316 SPARKFUN-TOL-09316 Datasheet
79Kb / 1P
Monocle Magnifier - Illuminated
5??5??7
TOL-09317 SPARKFUN-TOL-09317 Datasheet
76Kb / 1P
Third Hand
5??5??7
TOL-09419 SPARKFUN-TOL-09419 Datasheet
95Kb / 1P
SparkFun microSD Sniffer
2/12/2015
TOL-09544 SPARKFUN-TOL-09544 Datasheet
110Kb / 2P
Bus Pirate
4/16/2015
More results


Similar Description - TOLL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMD1210 LITTELFUSE-SMD1210 Datasheet
88Kb / 2P
This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V.
logo
Fairchild Semiconductor
2N4401BU FAIRCHILD-2N4401BU Datasheet
98Kb / 7P
This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
2N4401TA FAIRCHILD-2N4401TA Datasheet
98Kb / 7P
This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA.
logo
List of Unclassifed Man...
KSR-2R8334-R ETC2-KSR-2R8334-R Datasheet
249Kb / 2P
Space Saving Surface Mount Supercapacitors for Hold-Up Memory Back-Up Applications
logo
Integrated Device Techn...
9ZX21200 IDT-9ZX21200 Datasheet
220Kb / 17P
Space-saving 56-pin package
9ZXL1231 IDT-9ZXL1231 Datasheet
201Kb / 18P
Space-saving 64 VFQFPN package
logo
NXP Semiconductors
AN11470 NXP-AN11470 Datasheet
567Kb / 25P
Leadless Schottky diodes in a DC-to-DC step-up converter
Rev. 1-22 April 2014
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
For space saving application
logo
Littelfuse
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com