Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOLL Datasheet(PDF) 2 Page - Amkor Technology

Part # TOLL
Description  TOLL (TO-Leadless) is a highly efficient space-saving package designed for currents up to 300A in automotive applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

TOLL Datasheet(HTML) 2 Page - Amkor Technology

  TOLL Datasheet HTML 1Page - Amkor Technology TOLL Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit amkor.com or email sales@amkor.com for more information.
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does
not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale.
Amkor reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo
are registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2021 Amkor Technology, Incorporated. All Rights Reserved. DS618D-EN Rev Date: 02/21
Package Outline Drawing
Standard Materials
f
Leadframe: Bare copper
f
Die attach: Solder paste
f
Interconnect (3 options)
▷ Copper clip
▷ Cu Clip + Cu wire
▷ Multiple Cu wires
▷ Multiple Al wires (under development)
f
Mold compound: Halogen-free
Shipping
f
Tape and reel packing
▷ 1800 pcs per reel
▷ Tape width: 24 mm
▷ Reel Ф = 330 mm
f
Barcode packing label
f
Drop ship
TOLL
Cross Sections
Copper Clip
Multiple Copper Wires
Copper Clip and Wire



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com