Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOLL Datasheet(PDF) 1 Page - Amkor Technology

Part # TOLL
Description  TOLL (TO-Leadless) is a highly efficient space-saving package designed for currents up to 300A in automotive applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

TOLL Datasheet(HTML) 1 Page - Amkor Technology

  TOLL Datasheet HTML 1Page - Amkor Technology TOLL Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
TOLL is suitable for high-power applications, designed for low on-resistance
and high-speed-switching MOSFETs.
f
Automotive
f
Telecom
f
Point of Load (POL)
f
Light Electric Vehicles (LEV)
f
Battery management
Reliability Qualification
f
All reliability test includes JSTD-020 moisture pre-conditioning except
high temperature storage
f
Moisture sensitivity characterization: JEDEC level 1 85°C/85% RH,
168 hours, IR reflow 260°C 3x
f
uHAST: 130°C/85% RH, no bias, 96 hours
f
Temperature cycle: -65~150°C, 500 cycles
f
High temperature storage: 150°C for 1000 hours
Test Services
Amkor offers full turnkey business for all power discrete products, with the
capability to test various types of power devices including MOSFETs, bipolar
transistors, IGBTs, diodes and regulator ICs/intelligent power devices.
f
Amkor power discrete test capability
▷ Static test (DC)
▷ Dynamic test (AC, switching/trr, capacitance/Rg)
▷ Destruction test (inductive load/VSUS)
▷ Thermal resistance (ΔVDS, ΔmV, etc.)
f
Program generation/conversion
f
Failure analysis
f
Available test/handling technology
f
Integrated marking, vision inspection and tape & reel services
TOLL (TO-Leadless) is a highly efficient space-saving package
designed for currents up to 300A in automotive applications.
f
This package features
▷ Very low parasitics and inductances resulting in world-class
package level Rds(on)
▷ Outstanding EMI behavior and excellent thermal performance
▷ Space reduction with a layout 30% smaller & 50% thinner than the
7 ld DDPAK package
▷ Package is offered with wettable flanks and is well suited to the
automotive market
▷ This package is a registered JEDEC package outline
TOLL
DATA SHEET | POWER PRODUCTS
FEATURES
f
Lowest Rds(on)
f
Current capability (300A)
f
Very low package parasitics and
inductances
f
Paralleling & cooling reduction
f
System cost reduction
f
Compact design
NEW DEVELOPMENTS
f
Side by side dual die capability
f
Dual exposed pad for better thermal
performance
f
Thin wafer dicing with narrow saw
streets
f
Larger/higher-density leadframe strips
f
Environmentally-friendly Pb-free solder
paste
f
Al wire interconnect


Similar Part No. - TOLL

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
TOL-09316 SPARKFUN-TOL-09316 Datasheet
79Kb / 1P
Monocle Magnifier - Illuminated
5??5??7
TOL-09317 SPARKFUN-TOL-09317 Datasheet
76Kb / 1P
Third Hand
5??5??7
TOL-09419 SPARKFUN-TOL-09419 Datasheet
95Kb / 1P
SparkFun microSD Sniffer
2/12/2015
TOL-09544 SPARKFUN-TOL-09544 Datasheet
110Kb / 2P
Bus Pirate
4/16/2015
More results

Similar Description - TOLL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMD1210 LITTELFUSE-SMD1210 Datasheet
88Kb / 2P
This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V.
logo
Fairchild Semiconductor
2N4401BU FAIRCHILD-2N4401BU Datasheet
98Kb / 7P
This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
2N4401TA FAIRCHILD-2N4401TA Datasheet
98Kb / 7P
This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA.
logo
List of Unclassifed Man...
KSR-2R8334-R ETC2-KSR-2R8334-R Datasheet
249Kb / 2P
Space Saving Surface Mount Supercapacitors for Hold-Up Memory Back-Up Applications
logo
Integrated Device Techn...
9ZX21200 IDT-9ZX21200 Datasheet
220Kb / 17P
Space-saving 56-pin package
9ZXL1231 IDT-9ZXL1231 Datasheet
201Kb / 18P
Space-saving 64 VFQFPN package
logo
NXP Semiconductors
AN11470 NXP-AN11470 Datasheet
567Kb / 25P
Leadless Schottky diodes in a DC-to-DC step-up converter
Rev. 1-22 April 2014
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
For space saving application
logo
Littelfuse
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com