Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHDMI2FS4 Datasheet (PDF) - Nexperia B.V. All rights reserved

PHDMI2FS4 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PHDMI2FS4
Download  PHDMI2FS4 Download
File Size   172.8 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance unidirectional ESD protection diode array

PHDMI2FS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHDMI2FS4 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PHDMI2FS4
Download  PHDMI2FS4 Click to download

File Size   172.8 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance unidirectional ESD protection diode array

PHDMI2FS4 Datasheet (HTML) - Nexperia B.V. All rights reserved


PHDMI2FS4 Product details

1. General description
Extremely low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode array, part
of the TrEOS protection family. This device is housed in a DFN2510A-10 (SOT1176) leadless ultra
small Surface-Mounted Device (SMD) plastic package, designed to protect four signal lines from
the damage caused by ESD and other transients.

2. Features and benefits
• Unidirectional ESD protection for four signal lines
• VRWM = 5 V device
• Extremely low clamping voltage to protect sensitive I/Os
• Extremely low clamping voltage: 2.8 V for 8 A 100 ns TLP and 4.4 V for 16 A 100 ns TLP
• IEC61000-4-4 robust up to 36 A into a 50 Ohm termination (1.8 kV)
• IEC 61000-4-5 (surge): IPP = 8.2 A peak pulse (average measured)
• Extremely low diode capacitance Cd = 0.29 pF typical at 1.5 V
• ESD protection up to ±15 kV according to IEC 61000-4-2
• Leadless ultra small DFN2510A-10 (SOT1176) surface mount package

3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• HDMI2.1 TMDS/FRL lines




Similar Part No. - PHDMI2FS4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHDMI2F4 NEXPERIA-PHDMI2F4 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
PHDMI2FC4 NEXPERIA-PHDMI2FC4 Datasheet
197Kb / 7P
Very low capacitance unidirectional ESD protection diode array
27 September 2024
PHDMI2FR4 NEXPERIA-PHDMI2FR4 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
27 April 2018
PHDMI2FR4Z NEXPERIA-PHDMI2FR4Z Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
27 April 2018
More results


Similar Description - PHDMI2FS4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1USF PHILIPS-PESD5V0F1USF_15 Datasheet
292Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
Rev. 1-11 December 2012
logo
Nexperia B.V. All right...
PESD5V0F1USF NEXPERIA-PESD5V0F1USF Datasheet
239Kb / 10P
Extremely low capacitance unidirectional ESD protection diode
PESD5V0C1UZF NEXPERIA-PESD5V0C1UZF Datasheet
228Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
PESD5V0C2UM-Q NEXPERIA-PESD5V0C2UM-Q Datasheet
235Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
2022-12-13
PESD5V0C2UM NEXPERIA-PESD5V0C2UM Datasheet
234Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD15VW1UCSF NEXPERIA-PESD15VW1UCSF Datasheet
156Kb / 7P
Extremely low capacitance unidirectional ESD protection diode
25 January 2022
PUSB3BB4 NEXPERIA-PUSB3BB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
10 August 2023
PUSB3CB4 NEXPERIA-PUSB3CB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
8 August 2023
PUSB3FS4 NEXPERIA-PUSB3FS4 Datasheet
169Kb / 7P
Extremely low capacitance unidirectional ESD protection diode array
8 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com