Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet (PDF) - Analog Devices

ADL5904 Datasheet PDF - Analog Devices
Part # ADL5904_V01
Download  ADL5904 Download
File Size   1744.42 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection

ADL5904 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5904 Datasheet PDF - Analog Devices

Part # ADL5904_V01
Download  ADL5904 Click to download

File Size   1744.42 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection

ADL5904 Datasheet (HTML) - Analog Devices


ADL5904 Product details

FEATURES
RMS and envelope threshold detection
Broad input frequency range: dc to 6 GHz
RF input range: 45 dB (−30 dBm to +15 dBm)
RMS linear in decibel output, scaled 36.5 mV/dB
Input envelope threshold detection and latching
Programmable threshold and latch reset function
Fast response time: 12 ns from RFIN to Q/Q latch
All functions temperature and supply stable
Operates at 3.3 V from −40°C to +105°C
Low power: 3.5 mA
Power-down capability to 100 μA
16-lead, 3 mm × 3 mm LFCSP package
APPLICATIONS
Transmitter signal strength indication (TSSI)
Wireless power amplifier input and output protection
Wireless receiver input protection




Similar Part No. - ADL5904_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5904-EVALZ AD-ADL5904-EVALZ Datasheet
1Mb / 28P
RMS and envelope threshold detection
REV. 0
ADL5904ACPZN-R7 AD-ADL5904ACPZN-R7 Datasheet
1Mb / 28P
RMS and envelope threshold detection
REV. 0
More results


Similar Description - ADL5904_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8363 AD-AD8363 Datasheet
3Mb / 14P
50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
200 MHz to 6 GHz 35 dB TruPwr??Detector
REV. B
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
REV. A
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Rev. 0
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Jun-2017
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
50 Hz to 6 GHz, 50 dB TruPwr Detector
3/15-Rev. A to Rev. B
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com