Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 2 Page - Analog Devices

  ADL5904_V01 Datasheet HTML 1Page - Analog Devices ADL5904_V01 Datasheet HTML 2Page - Analog Devices ADL5904_V01 Datasheet HTML 3Page - Analog Devices ADL5904_V01 Datasheet HTML 4Page - Analog Devices ADL5904_V01 Datasheet HTML 5Page - Analog Devices ADL5904_V01 Datasheet HTML 6Page - Analog Devices ADL5904_V01 Datasheet HTML 7Page - Analog Devices ADL5904_V01 Datasheet HTML 8Page - Analog Devices ADL5904_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ADL5904
Data Sheet
Rev. B | Page 2 of 27
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 10
Test Circuits..................................................................................... 17
Theory of Operation ...................................................................... 18
Basic Connections for RMS Measurement............................. 18
Choosing a Value for CRMS......................................................... 19
VRMS Calibration and Error Calculation .............................. 20
Basic Connections for Threshold Detection .......................... 21
Q and Q Response Time ........................................................... 21
Setting the VIN− Threshold Detection Voltage........................ 22
Evaluation Board Schematic and Configuration Options ........ 25
Outline Dimensions....................................................................... 27
Ordering Guide .......................................................................... 27
REVISION HISTORY
7/2017—Rev. A to Rev. B
Changes to Basic Connection for RMS Measurement Section
and Figure 44................................................................................... 18
Change to Figure 54 ....................................................................... 25
Change to C14 Default Value, Table 7 ......................................... 26
5/2017—Rev. 0 to Rev. A
Changes to Ordering Guide.......................................................... 27
10/2016—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com