Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5904_V01 Datasheet HTML 18Page - Analog Devices ADL5904_V01 Datasheet HTML 19Page - Analog Devices ADL5904_V01 Datasheet HTML 20Page - Analog Devices ADL5904_V01 Datasheet HTML 21Page - Analog Devices ADL5904_V01 Datasheet HTML 22Page - Analog Devices ADL5904_V01 Datasheet HTML 23Page - Analog Devices ADL5904_V01 Datasheet HTML 24Page - Analog Devices ADL5904_V01 Datasheet HTML 25Page - Analog Devices ADL5904_V01 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ADL5904
Data Sheet
Rev. B | Page 22 of 27
CH2 1.0V
M10ns 20GS/s
A CH2
1.36V
2
3
Ω
CH3 100mV
Ω
Figure 52. Q Output Response, PIN = Off to −7 dBm, Overdrive Threshold
Voltage Set to Trigger at −10 dBm (Overdrive Level = 3 dB)
SETTING THE VIN− THRESHOLD DETECTION
VOLTAGE
Figure 53 shows the typical relationship between the voltage on
the VIN− pin and the resulting RF power threshold that causes
Q and Q to latch high and low, respectively. This data is also
presented in Table 6.
0.001
0.01
0.1
1
10
–40 –35 –30 –25 –20 –15 –10
–5
0
5
10
15
20
PIN (dBm)
0.01GHz
0.03GHz
0.1GHz
0.9GHz
1.9GHz
2.6GHz
3.6GHz
5.8GHz
Figure 53. VIN− Threshold Voltage vs. PIN at Various Frequencies
Use Figure 53 and Table 6 to set the threshold voltage on the
VIN− pin. However, because the relationship between the
threshold voltage on VIN− and the resulting RF threshold
power varies from device to device, there is an error level of up
to ±2.5 dB. For example, if the voltage on VIN− is set to cause
the circuit to trip when the input power exceeds 0 dBm at 900 MHz
(VIN− = 241 mV from Table 6), the trip point can vary from
device to device by ±2.5 dB at frequencies at or above 100 MHz
and +2.5 dB to −5.5 dB for frequencies below 100 MHz. In Table 6,
no recommended voltages are provided for input power levels
below −25 dBm from 10 MHz to 3.5 GHz and below −20 dBm
at 5.8 GHz. This is as a result of the increased temperature drift
at these input power levels. Likewise, from 10 MHz to 3.5 GHz,
no recommended voltages are provided for input power levels
above 13 dBm because, at this power level, the response of the
ADL5904 starts to become more nonlinear.
To set the threshold detect level more precisely, there are two
calibration options. A single-point calibration is easily
accomplished by applying the threshold trip power level and
then adjusting VIN− until Q trips high. Initially, set VIN− to a high
level such as 2 V, and then assert RST high and back to low to
ensure that Q is low. Next, apply the RF input threshold power
level to RFIN. Then, reduce the voltage on VIN− until the Q
output goes high. Use this resulting voltage to set the threshold
level when the equipment is in operation.
Alternatively, by measuring the voltage on the VCAL output pin
with and without RF power applied, an equation can be derived
that establishes a precise relationship between the VIN− voltage
and the associated RF input power trip point.
Within the linear operating range of the ADL5904, there is a
linear relationship between VCAL − VCALOFF and the input
voltage on RFIN.
VCAL − VCALOFF = Slope × (VRFIN − Intercept)
(6)
where:
VCAL is the measured output voltage on the VCAL pin.
VCALOFF is the measured output voltage on the VCAL pin with
no RF input signal applied.
VRFIN is the RF input power (in dBm) converted into volts rms,
that is,
3
1
10
10
log
×
=
−
IN
RFIN
P
R
V
(8)
where:
R is the characteristic impedance (usually 50 Ω).
PIN is the input power in dBm.
Rewriting the equation results in
−
×
×
=
−
−
Intercept
P
R
Slope
V
V
IN
CALOFF
CAL
3
1
10
10
log
(9)
The voltage that must be applied to the VIN− pin for a particular
input power is equal to (VCAL − VCALOFF). Therefore,
Equation 9 can be rewritten as
−
×
×
=
−
−
Intercept
P
R
Slope
VIN
IN
3
1
10
10
log
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com