Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5904_V01 Datasheet HTML 14Page - Analog Devices ADL5904_V01 Datasheet HTML 15Page - Analog Devices ADL5904_V01 Datasheet HTML 16Page - Analog Devices ADL5904_V01 Datasheet HTML 17Page - Analog Devices ADL5904_V01 Datasheet HTML 18Page - Analog Devices ADL5904_V01 Datasheet HTML 19Page - Analog Devices ADL5904_V01 Datasheet HTML 20Page - Analog Devices ADL5904_V01 Datasheet HTML 21Page - Analog Devices ADL5904_V01 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ADL5904
Data Sheet
Rev. B | Page 18 of 27
THEORY OF OPERATION
The ADL5904 is a true rms detector with a 45 dB measurement
range at 1.9 GHz with useable range up to 6 GHz. It features no
error ripple over its range, low temperature drift, and very low
power consumption. Temperature stability of the rms output
measurements provides ≤±0.5 dB error (typical) over the
temperature range of −40°C to +85°C at up to 3.5 GHz. The
measurement output voltage scales linearly in decibels with a
slope of typically 36.9 mV/dB at 1.9 GHz.
The core rms processing of the ADL5904 uses a proprietary
multistage technique that provides accuracy for complex
modulation signals irrespective of the crest factor of the input
signal. An integrating filter capacitor at the CRMS pin performs
the square domain averaging.
R
ENVELOPE
DETECTOR
RMS
+
–
Q
S
ADL5904
VPOS
GND
VRMS
RST
Q
RFIN
VIN–
DECL
ENBL
CRMS
Q
1
11
DNC
2
3
6
8
4
4
5
7
12
13 Q
10
9
16
15
VCAL
Figure 43. Functional Block Diagram
The output of the first signal processing stage (the envelope
detector), also drives the noninverting input of a threshold
detecting comparator. The inverting input of this comparator is
typically driven by a fixed external dc voltage. When the output
of the envelope detector exceeds the voltage on the inverting input
of the comparator, the comparator goes high. This excursion is
then captured and held by an SR flip flop. The state of this flip
flop is then held until the level sensitive RST pin is taken high.
BASIC CONNECTIONS FOR RMS MEASUREMENT
The ADL5904 requires a single supply of 3.3 V. The supply is
connected to the VPOS supply pins. Decouple these pins using
two capacitors with values equal or similar to those shown in
the Figure 44. Place these capacitors as close to Pin 5 as possible.
Connect Pin 11 (GND) and the exposed pad to a ground plane
with low electrical and thermal impedance.
A single-ended input at the RFIN pin drives the ADL5904. Because
the input is dc-coupled, an external ac coupling capacitor must
be used. A 470 nF capacitor is recommended for applications
that require frequency coverage from 6 GHz down to tens of
kilohertz. For applications that do not need such low frequency
coverage, a larger value of capacitance can be used.
In addition to the ac-coupling capacitor, an external 82.5 Ω
shunt resistor is required to provide a wideband input match.
Figure 13 shows a comparison of the input return loss, with and
without the external shunt resistor.
The rms measurement voltage is available on the VRMS pin.
Place a 10 nF load capacitor on this pin.
The DECL pin provides a bypass capacitor connection for an
on-chip regulator. The DECL pin is connected to ground with
a 4.02 Ω resistor and a 0.1 µF capacitor. The CRMS pin is the
averaging node for the rms computation. Place an rms averaging
capacitor between the CRMS and DECL pins. For information on
choosing the CRMS capacitor, see the Choosing a Value for
CRMS section. Using smaller values for CRMS allows quicker
response times to a pulsed waveform. Higher values of CRMS are
required for correct rms computation as the peak to average
ratio of modulated signals increases and the bandwidth of the
modulated signals decreases.
If the threshold detection circuitry is not used, the VIN− pin can be
tied to VPOS or left open (this pin has an internal pull-up to VPOS).
The ENBL pin configures the device enable interface. Connecting
the ENBL pin to a logic high signal (2 V to 3.3 V) enables the
device, and connecting the pin to a logic low signal (0 V to 0.6 V)
disables the device. The exposed pad is internally connected to
GND and must be soldered to a low impedance ground plane.
4.02Ω
100nF
100pF
VPOS
3.3V
0.1µF
10nF
ENABLE/
DISABLE
RFIN
R
ENVELOPE
DETECTOR
RMS
+
–
Q
S
ADL5904
VPOS
GND
VRMS
VRMS
RST
Q
RFIN
470nF
VIN–
DECL
82.5Ω
ENBL
100nF
CRMS
Q
1
11
DNC
2
3
6
8
14
5
7
12
13
Q
10
9
4
16
15
VCAL
Figure 44. Basic Connections for RMS Power Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com