Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5904_V01 Datasheet HTML 19Page - Analog Devices ADL5904_V01 Datasheet HTML 20Page - Analog Devices ADL5904_V01 Datasheet HTML 21Page - Analog Devices ADL5904_V01 Datasheet HTML 22Page - Analog Devices ADL5904_V01 Datasheet HTML 23Page - Analog Devices ADL5904_V01 Datasheet HTML 24Page - Analog Devices ADL5904_V01 Datasheet HTML 25Page - Analog Devices ADL5904_V01 Datasheet HTML 26Page - Analog Devices ADL5904_V01 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ADL5904
Data Sheet
Rev. B | Page 24 of 27
Use a two-point or a three-point calibration to establish the
slope and intercept values in Equation 10. The procedure for a
two-point calibration is as follows:
1. With no RF input signal applied, measure the voltage on
the VCAL pin (VCALOFF).
2. Apply an RF input power that is towards the bottom end of
the RF input range (RFINLOW). Calculate the associated rms
input voltage (VRMSLOW) and measure the voltage on the
VCAL pin (VCALLOW).
3. Apply an RF input power that is towards the top end of the
RF input range (RFINHIGH). Calculate the associated rms
input voltage (VRMSHIGH) and measure the voltage on the
VCAL pin (VCALHIGH) pin.
4. Calculate SLOPE using the following equation:
Slope = (VCALHIGH − VCALLOW)/(VRMSHIGH − VRMSLOW)
5. Calculate intercept using the following equation:
Intercept = VRFIN − (VCAL − VCALOFF)/Slope
When the slope and intercept are known, nsert them into the
equation for VIN−.
−
×
×
=
−
−
Intercept
P
R
Slope
V
THRESHOLD
IN
3
1
10
10
log
(11)
where PTHRESHOLD is the desired RF power level at which the
circuit trips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com