Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5904_V01 Datasheet HTML 8Page - Analog Devices ADL5904_V01 Datasheet HTML 9Page - Analog Devices ADL5904_V01 Datasheet HTML 10Page - Analog Devices ADL5904_V01 Datasheet HTML 11Page - Analog Devices ADL5904_V01 Datasheet HTML 12Page - Analog Devices ADL5904_V01 Datasheet HTML 13Page - Analog Devices ADL5904_V01 Datasheet HTML 14Page - Analog Devices ADL5904_V01 Datasheet HTML 15Page - Analog Devices ADL5904_V01 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
ADL5904
Data Sheet
Rev. B | Page 12 of 27
PIN (dBm)
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40 –35 –30 –25 –20
20
–15
15
–10
10
–5
5
0
–40°C
+25°C
+85°C
+105°C
Figure 15. VRMS and Log Conformance Error vs. Input Level (PIN) for Various
Temperatures at 30 MHz
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
PIN (dBm)
–40 –35 –30 –25 –20
20
–15
15
–10
10
–5
5
0
–40°C
+25°C
+85°C
+105°C
Figure 16. VRMS and Log Conformance Error vs. Input Level (PIN) for Various
Temperatures at 100 MHz
20
2.4
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40 –35 –30 –25 –20 –15
15
–10
10
–5
5
0
–40°C
+25°C
+85°C
+105°C
Figure 17. VRMS and Log Conformance Error vs. Input Level (PIN) for Various
Temperatures at 900 MHz
20
2.4
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40 –35 –30 –25 –20 –15
15
–10
10
–5
5
0
–40°C
+25°C
+85°C
+105°C
Figure 18. Distribution of Log Conformance Error with Respect to Calibration
at 25°C vs. Input Level (PIN) for Various Temperatures at 30 MHz
20
2.4
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40 –35 –30 –25 –20 –15
15
–10
10
–5
5
0
–40°C
+25°C
+85°C
+105°C
Figure 19. Distribution of Log Conformance Error with Respect to Calibration
at 25°C vs. Input Level (PIN) for Various Temperatures at 100 MHz
20
2.4
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
–35 –30 –25 –20 –15
15
–10
10
–5
5
0
–40°C
+25°C
+85°C
+105°C
Figure 20. Distribution of Log Conformance Error with Respect to Calibration
at 25°C vs. Input Level (PIN) for Various Temperatures at 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com