Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5904_V01 Datasheet HTML 3Page - Analog Devices ADL5904_V01 Datasheet HTML 4Page - Analog Devices ADL5904_V01 Datasheet HTML 5Page - Analog Devices ADL5904_V01 Datasheet HTML 6Page - Analog Devices ADL5904_V01 Datasheet HTML 7Page - Analog Devices ADL5904_V01 Datasheet HTML 8Page - Analog Devices ADL5904_V01 Datasheet HTML 9Page - Analog Devices ADL5904_V01 Datasheet HTML 10Page - Analog Devices ADL5904_V01 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Data Sheet
ADL5904
Rev. B | Page 7 of 27
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Threshold Variation vs.
Temperature
−40°C < TA < +85°C, PIN ≈ 10 dBm
±0.2
dB
−40°C < TA < +85°C, PIN ≈ 0 dBm
±0.4
dB
−40°C < TA < +85°C, PIN ≈ −10 dBm
−0.6/+0.4
dB
−40°C < TA < +105°C, PIN ≈ 10 dBm
±0.2
dB
−40°C < TA < +105°C, PIN ≈ 0 dBm
±0.4
dB
−40°C < TA < +105°C, PIN ≈ −10 dBm
−0.6/+0.4
dB
THRESHOLD DETECT OUTPUT
Q, Q, and RST pins, 900 MHz input frequency
Propagation Delay
RFIN pin = off to 10 dBm, VIN− = 400 mV (5 dB overdrive)
12
ns
RFIN pin = off to −5 dBm, VIN− = 75 mV (5 dB overdrive)
12
ns
Output Voltage
Q, Q
Low
IOL = 1 mA
300
mV
High
IOH = 1 mA
3.0
V
RESET INTERFACE
RST pin
RST Input Voltage
Low
0.6
V
High
2
V
RST Input Bias Current
20
nA
Reset Time
RST at 50% to Q low and Q high
15
ns
COMPARATOR INTERFACE
VIN− pin
VIN− Input Range
0 to 1.5
V
VIN− Input Bias Current
−20
µA
VIN− for Comparator Disable
VPOS
V
VCAL INTERFACE
VCAL pin
VCAL Output Voltage
RFIN pin = off
750
mV
RFIN pin = −10 dBm, 900 MHz
825
mV
RFIN pin = 10 dBm, 900 MHz
1.5
V
POWER-DOWN INTERFACE
ENBL pin
Voltage Level to Enable
2
VPOS
V
Voltage Level to Disable
0
0.6
V
Input Bias Current
VENBL = 2.2 V
<20
nA
POWER SUPPLY INTERFACE
VPOS pin
Supply Voltage
3.15
3.3
3.45
V
Quiescent Current
TA = 25°C, no signal at RFIN
3.5
mA
TA = 105°C, no signal at RFIN
4
mA
Power-Down Current
ENBL = low
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com