Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC374CD Datasheet (PDF) - Freescale Semiconductor, Inc

MC44BC374CD Datasheet PDF - Freescale Semiconductor, Inc
Part # MC44BC374CD
Download  MC44BC374CD Download
File Size   1784.34 Kbytes
Page   30 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Tuned UHF and VHF Audio/Video High Integration Modulator

MC44BC374CD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44BC374CD Datasheet PDF - Freescale Semiconductor, Inc

Part # MC44BC374CD
Download  MC44BC374CD Click to download

File Size   1784.34 Kbytes
Page   30 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Tuned UHF and VHF Audio/Video High Integration Modulator

MC44BC374CD Datasheet (HTML) - Freescale Semiconductor, Inc


MC44BC374CD Product details

Device Overview
Figure 2 shows a simplified block diagram of the MC44BC373C/4C device. The MC44BC373C/4C device has three main sections:
1. A high speed I2C-compatible bus section
2. A PLL section to synthesize the UHF/VHF output channel frequency (from an integrated UHF oscillator, divided for VHF output)
3. A modulator section, which accepts audio and video inputs, then uses them to modulate the UHF/VHF carrier

An on-chip video test pattern generator with an audio test signal is included.

Features
MC44BC373C: Multi-Standard PAL/SECAM/NTSC Modulator
MC44BC374C: PAL/NTSC only Modulator
The channel is set by an on-chip high-speed I2C compatible bus receiver. A Phase-Locked Loop (PLL) tunes the modulator over the full UHF range.
The modulator incorporates a sound subcarrier oscillator and uses a second PLL to derive 4.5, 5.5, 6.0, and 6.5MHz subcarrier frequencies. These frequencies are selectable using the bus.
The modulation standard can be chosen using a control bit that selects between System L or System B/G (MC44BC373C only).
The picture-to-sound ratio may be adjusted using the bus. In addition, an on-chip video test pattern generator can be switched ON with a 1KHz audio test signal.
The MC44BC373C/4C also has the following features:
    • No external varicaps diodes/inductor or tuned components
    • Channel 21-69 UHF operation
    • VHF range possible by internal dividers (30MHz–450MHz)
    • Integrated on-chip programmable UHF oscillator
    • Extremely low external components count
    • High speed read and write I2C-bus compatible (800kHz)
    • Fixed video modulation depth (80% in PAL and 90% in SECAM)
    • Peak White Clip disabled via the bus
    • Programmable picture/sound carrier ratio (12dB and 16dB)
    • Integrated on-chip programmable sound subcarrier oscillator (4.5MHz to 6.5MHz)—No external varicaps
    • On-chip video test pattern generator with sound test signal (1kHz)
    • Low-power programmable modulator standby mode
    • Transient output inhibit during PLL Lock-up at power-ON
    • Logical Output Port controlled by bus
    • Custom masked versions with unique start-up settings possible (no I2C bus programming required)
    • Extremely robust ESD protection, minimum 4kV, typical 6kV




Similar Part No. - MC44BC374CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC374 MOTOROLA-MC44BC374 Datasheet
635Kb / 24P
Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
MC44BC374DTB MOTOROLA-MC44BC374DTB Datasheet
635Kb / 24P
Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
logo
Freescale Semiconductor...
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
logo
Motorola, Inc
MC44BC374T1 MOTOROLA-MC44BC374T1 Datasheet
282Kb / 26P
No external varicaps diodes/inductor or tuned components
logo
Freescale Semiconductor...
MC44BC374T1D FREESCALE-MC44BC374T1D Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
More results


Similar Description - MC44BC374CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com