Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL253R Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL253R Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # TSL253R
Download  TSL253R Download
File Size   157.89 Kbytes
Page   10 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description LIGHT-TO-VOLTAGE OPTICAL SENSOR

TSL253R Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL253R Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL253R
Download  TSL253R Click to download

File Size   157.89 Kbytes
Page   10 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description LIGHT-TO-VOLTAGE OPTICAL SENSOR

TSL253R Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


TSL253R Product details

Description
The TSL253R is a light-to-voltage optical sensor combining a photodiode and a transimpedance amplifier (feedback resistor = 16 MΩ) on a single monolithic IC. Output voltage is directly proportional to the light intensity (irradiance) on the photodiode. The device has improved amplifier offset-voltage stability and low power consumption and is supplied in a 3-lead clear plastic sidelooker package with an integral lens. When supplied in the lead (Pb) free package, the device is RoHS compliant.

Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
Converts Light Intensity to a Voltage
High Irradiance Responsivity, Typically 137 mV/(W/cm2 ) at p= 635 nm (TSL253R)
Compact 3-Lead Clear Plastic Package
Single Voltage Supply Operation
Low Dark (Offset) Voltage....10 mV Max
Low Supply Current......1.1 mA Typical
Wide Supply-Voltage Range.... 2.7 V to 5.5 V
Replacement for TSL253
RoHS Compliant (−LF Package Only)




Similar Part No. - TSL253R

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
More results


Similar Description - TSL253R

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL254R TAOS-TSL254R Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254R AMSCO-TSL254R Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253 AMSCO-TSL253 Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254 AMSCO-TSL254 Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
Light-to-Voltage Optical Sensors
2016-May-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com