Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL254R Datasheet (PDF) - ams AG

TSL254R Datasheet PDF - ams AG
Part # TSL254R
Download  TSL254R Download
File Size   596.41 Kbytes
Page   11 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LIGHT-TO-VOLTAGE OPTICAL SENSOR

TSL254R Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL254R Datasheet PDF - ams AG

Part # TSL254R
Download  TSL254R Click to download

File Size   596.41 Kbytes
Page   11 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LIGHT-TO-VOLTAGE OPTICAL SENSOR

TSL254R Datasheet (HTML) - ams AG


TSL254R Product details

Description
The TSL254R is a light-to-voltage optical sensor combining a photodiode and a transimpedance amplifier (feedback resistor = 1 MΩ) on a single monolithic IC. Output voltage is directly proportional to the light intensity (irradiance) on the photodiode. The device has improved amplifier offset-voltage stability and low power consumption and is supplied in a 3-lead clear plastic sidelooker package with an integral lens. When supplied in the lead (Pb) free package, the device is RoHS compliant.

● Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
● Converts Light Intensity to a Voltage
● Irradiance Responsivity, Typically 9 mV/(μW/cm2) at λp = 635 nm
● Compact 3-Lead Clear Plastic Package
● Single Voltage Supply Operation
● Low Dark (Offset) Voltage....10 mV Max
● Low Supply Current......1.1 mA Typical
● Wide Supply-Voltage Range.... 2.7 V to 5.5 V
● Replacement for TSL254
● RoHS Compliant (−LF Package Only)




Similar Part No. - TSL254R

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL254R TAOS-TSL254R Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254R-LF TAOS-TSL254R-LF Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254RSM-LF TAOS-TSL254RSM-LF Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
More results


Similar Description - TSL254R

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253R TAOS-TSL253R Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254R TAOS-TSL254R Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253 AMSCO-TSL253 Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254 AMSCO-TSL254 Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
Light-to-Voltage Optical Sensors
2016-May-30
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com