Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL254R Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL254R Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # TSL254R
Download  TSL254R Download
File Size   157.56 Kbytes
Page   10 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description LIGHT-TO-VOLTAGE OPTICAL SENSOR

TSL254R Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL254R Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL254R
Download  TSL254R Click to download

File Size   157.56 Kbytes
Page   10 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description LIGHT-TO-VOLTAGE OPTICAL SENSOR

TSL254R Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


TSL254R Product details

Description
The TSL254R is a light-to-voltage optical sensor combining a photodiode and a transimpedance amplifier (feedback resistor = 1 MΩ) on a single monolithic IC. Output voltage is directly proportional to the light intensity (irradiance) on the photodiode. The device has improved amplifier offset-voltage stability and low power consumption and is supplied in a 3-lead clear plastic sidelooker package with an integral lens. When supplied in the lead (Pb) free package, the device is RoHS compliant.

● Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
● Converts Light Intensity to a Voltage
● Irradiance Responsivity, Typically 9 mV/(μW/cm2) at λp = 635 nm
● Compact 3-Lead Clear Plastic Package
● Single Voltage Supply Operation
● Low Dark (Offset) Voltage....10 mV Max
● Low Supply Current......1.1 mA Typical
● Wide Supply-Voltage Range.... 2.7 V to 5.5 V
● Replacement for TSL254
● RoHS Compliant (−LF Package Only)




Similar Part No. - TSL254R

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL254R AMSCO-TSL254R Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
More results


Similar Description - TSL254R

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253R TAOS-TSL253R Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254R AMSCO-TSL254R Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253 AMSCO-TSL253 Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254 AMSCO-TSL254 Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
Light-to-Voltage Optical Sensors
2016-May-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com