Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9081 Datasheet (PDF) - Micro Analog systems

MAS9081 Datasheet PDF - Micro Analog systems
Part # MAS9081
Download  MAS9081 Download
File Size   190.28 Kbytes
Page   12 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description Dual Band Receiver IC High Sensitivity

MAS9081 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9081 Datasheet PDF - Micro Analog systems

Part # MAS9081
Download  MAS9081 Click to download

File Size   190.28 Kbytes
Page   12 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description Dual Band Receiver IC High Sensitivity

MAS9081 Datasheet (HTML) - Micro Analog systems


MAS9081 Product details

DESCRIPTION
The MAS9081 AM-Receiver chip is a highly sensitive, simple to use AM receiver specially intended to receive time signals in the frequency range from 40 kHz to 100 kHz. Only a few external components are required for time signal receiving. The circuit has preamplifier, wide range automatic gain control, demodulator and output comparator built in. The output signal can be processed directly by an additional digital circuitry to extract the data from the received signal. The control for AGC (automatic gain control) can be used to switch AGC on or off if necessary. MAS9081 supports dual band operation by switching between two crystal filters and an additional antenna tuning capacitor.

FEATURES
• Dual Band Receiver IC
• Highly Sensitive AM Receiver, 0.4 µVRMS typ.
• Wide Supply Voltage Range from 1.1 V to 5 V
• Very Low Power Consumption
• Power Down Control
• Fast Startup
• Only a Few External Components Necessary
• Control for AGC On
• Wide Frequency Range from 40 kHz to 100 kHz
• High Selectivity by Quartz Crystal Filter

APPLICATIONS
• Dual Band Time Signal Receiver WWVB (USA), JJY (Japan), DCF77 (Germany), MSF (UK), HGB (Switzerland) and BPC (China)




Similar Part No. - MAS9081

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
More results


Similar Description - MAS9081

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
Dual-Tone Receiver IC
logo
Texas Instruments
TRF1500 TI-TRF1500 Datasheet
233Kb / 17P
DUAL-BAND/DUAL-MODE PCS RECEIVER
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
Low Power ISM-band FM/FSK Receiver IC
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
Single and dual band receiver IC
logo
Nippon Precision Circui...
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
Dual-Tone Receiver IC
logo
Asahi Kasei Microsystem...
AK8771 AKM-AK8771 Datasheet
941Kb / 5P
High sensitivity alternating behavior Hall IC
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
ISM Band FSK Receiver IC
REV. 0
logo
United Monolithic Semic...
CHM1270A98F UMS-CHM1270A98F_15 Datasheet
307Kb / 8P
W-Band Dual Channel Transmitter/Receiver
logo
Integrated Device Techn...
F6101 IDT-F6101 Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
F6102 IDT-F6102 Datasheet
166Kb / 2P
Ka-Band SATCOM Receiver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com