Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9081 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9081
Description  Dual Band Receiver IC High Sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9081 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9081 Datasheet HTML 1Page - Micro Analog systems MAS9081 Datasheet HTML 2Page - Micro Analog systems MAS9081 Datasheet HTML 3Page - Micro Analog systems MAS9081 Datasheet HTML 4Page - Micro Analog systems MAS9081 Datasheet HTML 5Page - Micro Analog systems MAS9081 Datasheet HTML 6Page - Micro Analog systems MAS9081 Datasheet HTML 7Page - Micro Analog systems MAS9081 Datasheet HTML 8Page - Micro Analog systems MAS9081 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 (12)
DA9081.006
1 August, 2005
MAS9081 PAD LAYOUT
VDD
QO2
QO1
QI
AGC
RFI2
RFIM
PDN1
AON
PDN2
OUT
DEC
9081Ax,
x=1, 3, 4 or 5
VSS
1494 µ
µ
µ
µ
m
RFIP
DIE size = 1.49 x 1.69 mm; PAD size = 80 x 80 µm
Note: Because the substrate of the die is internally connected to VDD, the die has to be connected to VDD or
left floating. Please make sure that VDD is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
174 µm
1452 µm
Quartz Filter Output for Crystal 2
QO2
174 µm
1247 µm
Quartz Filter Output for Crystal 1
QO1
174 µm
1043 µm
Quartz Filter Input for Crystals
QI
174 µm
839 µm
AGC Capacitor
AGC
174 µm
633 µm
Power Down/Frequency Selection Input 2
PDN2
174 µm
430 µm
3
Receiver Output
OUT
175 µm
224 µm
1
Demodulator Capacitor
DEC
1318 µm
240 µm
AGC On Control
AON
1318 µm
444 µm
2
Power Down/Frequency Selection Input 1
PDN1
1318 µm
648 µm
3
Positive Receiver Input
RFIP
1318 µm
853 µm
4
Negative Receiver Input
RFIM
1318 µm
1057 µm
4
Receiver Input 2 (for Antenna Capacitor 2)
RFI2
1318 µm
1262 µm
Power Supply Ground
VSS
1318 µm
1466 µm
Notes:
1) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
2) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1 µA which is switched off at power down
3) PDN1 = VDD and PDN2 = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down controlled to power up
4) Receiver inputs RFIP and RFIM have both 600 kΩ biasing resistances against ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com