Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9081 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9081
Description  Dual Band Receiver IC High Sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9081 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9081 Datasheet HTML 1Page - Micro Analog systems MAS9081 Datasheet HTML 2Page - Micro Analog systems MAS9081 Datasheet HTML 3Page - Micro Analog systems MAS9081 Datasheet HTML 4Page - Micro Analog systems MAS9081 Datasheet HTML 5Page - Micro Analog systems MAS9081 Datasheet HTML 6Page - Micro Analog systems MAS9081 Datasheet HTML 7Page - Micro Analog systems MAS9081 Datasheet HTML 8Page - Micro Analog systems MAS9081 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 (12)
DA9081.006
1 August, 2005
FREQUENCY SELECTION
The frequency selection and power down control is
accomplished via two digital control pins PDN1 and
PDN2. The control logic is presented in table 1.
Table 1 Frequency selection and power down control
PDN1
PDN2
RFI2 Switch
Selected Crystal
Output
Description
High
High
Open
-
Power down
High
Low
Open
QO1
Frequency 1
Low
High
Closed
QO2
Frequency 2, RFI2 capacitor connected in
parallel with antenna
Low
Low
Closed
QO2
Frequency 2, RFI2 capacitor connected in
parallel with antenna
The internal antenna tuning capacitor switch (RFI2)
and crystal filter output switches (QO1, QO2) are
controlled according table 1. See switch in block
diagram on page 1.
If frequency 1 is selected the RFI2 switch is open
and only crystal output QO1 is active. Antenna
frequency is determined by antenna inductor LANT
(see Typical Application on page 5), antenna
capacitor CANT1 and parasitic capacitances related
to antenna inputs RFI1, RFI2 and RFI3 (see
Antenna Tuning Considerations below). Frequency
1
is
the
higher
frequency
of
two
selected
frequencies.
If frequency 2 is selected then RFI2 switch is closed
to connect CANT2 in parallel with ferrite antenna and
tune it to frequency 2. Then only crystal output QO2
is active. Frequency 2 is lower frequency of the two
selected frequencies.
It is recommended to switch the device to power
down
for
50ms
before
switching
to
another
frequency. This guarantees fast startup in switching
to another frequency. The 50ms power down period
is used to discharge AGC capacitor and to initialize
fast startup conditions.
ANTENNA TUNING CONSIDERATIONS
The ferrite bar antenna having inductance LANT and
parasitic coil capacitance CCOIL is tuned to two
reception frequencies f1 and f2 by parallel capacitors
CANT1 and CANT2. The receiver input stage and
internal antenna capacitor switch have capacitances
(CRFI1,
COFF2)
which
affect
the
resonance
frequencies. COFF2 is switch capacitance when
switch is open. When the switch is closed this
capacitance is shorted by on resistance of the
switch and is effectively eliminated. Following
relationships
can
be
written
into
two
tuning
frequencies.
Frequency f1 (higher frequency):
CTOT1=CCOIL+CANT1+CRFI1+COFF2=CCOIL+CANT1+6.5pF+37pF=CCOIL+CANT1+ 43.5pF,
1
1
2
1
TOT
ANT
C
L
f
⋅
=
π
Frequency f2 (lower frequency):
CTOT2=CCOIL+CANT1+CANT2+CRFI1=CCOIL+CANT1+CANT2+ 6.5pF,
2
2
2
1
TOT
ANT
C
L
f
⋅
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com