Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4360 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ASDL-4360 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ASDL-4360
Download  ASDL-4360 Download
File Size   167.01 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Power and High Speed Infrared Emitter (885nm) in PLCC-2 Package

ASDL-4360 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASDL-4360 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-4360
Download  ASDL-4360 Click to download

File Size   167.01 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Power and High Speed Infrared Emitter (885nm) in PLCC-2 Package

ASDL-4360 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - ASDL-4360

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4262 AVAGO-ASDL-4262 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4262-C22 AVAGO-ASDL-4262-C22 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4262-C31 AVAGO-ASDL-4262-C31 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4263 AVAGO-ASDL-4263 Datasheet
131Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
ASDL-4263 LITEON-ASDL-4263 Datasheet
143Kb / 4P
Property of Lite-On Only
More results


Similar Description - ASDL-4360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPE5587 ETC-OPE5587 Datasheet
194Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5585 ETC-OPE5585 Datasheet
194Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5687HP ETC-OPE5687HP Datasheet
162Kb / 2P
High Speed GaAIAs Infrared Emitter
logo
Infineon Technologies A...
SFH4301 INFINEON-SFH4301 Datasheet
63Kb / 6P
High-Speed Infrared Emitter (950 nm) in 3 mm Radial Package
2000-01-01
logo
List of Unclassifed Man...
OPE5985 ETC2-OPE5985 Datasheet
198Kb / 2P
High Speed GaAlAs Infrared Emitter
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4860 AVAGO-ASDL-4860 Datasheet
178Kb / 6P
High Power Infrared Emitter (850nm) in Surface Mount Package
logo
OSRAM GmbH
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4543 OSRAM-SFH-4543 Datasheet
260Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4551 OSRAM-SFH-4551 Datasheet
439Kb / 13P
High Power Infrared Emitter (850nm) in SMR짰 Package
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com