Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6CWQ06FNTR Datasheet (PDF) - International Rectifier

6CWQ06FNTR Datasheet PDF - International Rectifier
Part # 6CWQ06FNTR
Download  6CWQ06FNTR Download
File Size   175.72 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V

6CWQ06FNTR Datasheet (PDF)

Go To PDF Page Download Datasheet
6CWQ06FNTR Datasheet PDF - International Rectifier

Part # 6CWQ06FNTR
Download  6CWQ06FNTR Click to download

File Size   175.72 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V

6CWQ06FNTR Datasheet (HTML) - International Rectifier


6CWQ06FNTR Product details

Description/ Features

The 6CWQ06FNPbF surface mount, center tap, Schottky rectifier series has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection.



• Popular D-PAK outline

• Center tap configuration

• Small foot print, surface mountable

• Low forward voltage drop

• High frequency operation

• Guard ring for enhanced ruggedness and long term reliability

• Lead-Free ("PbF" suffix)



 




Similar Part No. - 6CWQ06FNTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ06FNTR VISHAY-6CWQ06FNTR Datasheet
110Kb / 6P
Schottky Rectifier, 2 x 3.5 A
13-Aug-08
6CWQ06FNTR-M3 VISHAY-6CWQ06FNTR-M3 Datasheet
149Kb / 7P
Schottky Rectifier, 2 x 3.5 A
03-Nov-10
6CWQ06FNTRL VISHAY-6CWQ06FNTRL Datasheet
110Kb / 6P
Schottky Rectifier, 2 x 3.5 A
13-Aug-08
6CWQ06FNTRL-M3 VISHAY-6CWQ06FNTRL-M3 Datasheet
149Kb / 7P
Schottky Rectifier, 2 x 3.5 A
03-Nov-10
6CWQ06FNTRLPBF VISHAY-6CWQ06FNTRLPBF Datasheet
110Kb / 6P
Schottky Rectifier, 2 x 3.5 A
13-Aug-08
More results


Similar Description - 6CWQ06FNTR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
6CWQ04FNPBF IRF-6CWQ04FNPBF Datasheet
177Kb / 7P
SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
6CWQ10FNPBF IRF-6CWQ10FNPBF Datasheet
175Kb / 7P
SCHOTTKY RECTIFIER 7 Amp
75SLQ060 IRF-75SLQ060 Datasheet
51Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 Amp, 60V
logo
Micro Commercial Compon...
SB220 MCC-SB220 Datasheet
227Kb / 3P
2 Amp Schottky Rectifier 20V-60V
logo
Unisonic Technologies
SK86 UTC-SK86 Datasheet
114Kb / 3P
8A, 60V SCHOTTKY RECTIFIER
logo
PFC Device Inc.
SS36B PFC-SS36B Datasheet
762Kb / 5P
3A 60V Schottky Rectifier
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com