Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB850 Datasheet (PDF) - Diotec Semiconductor

SB850 Datasheet PDF - Diotec Semiconductor
Part # SB850
Download  SB850 Download
File Size   58.88 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifiers

SB850 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB850 Datasheet PDF - Diotec Semiconductor

Part # SB850
Download  SB850 Click to download

File Size   58.88 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifiers

SB850 Datasheet (HTML) - Diotec Semiconductor


SB850 Product details

Schottky Barrier Rectifier Diodes

Features
   Low forward voltage drop
   High average forward current
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Output Rectification in DC/DC
   Converters, Polarity Protection,
   Free-wheeling diodes
   Commercial grade 1)

Mechanical Data 1)
   Taped in ammo pack 1250
   Weight approx. 1 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                    MSL N/A




Similar Part No. - SB850

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB850 PANJIT-SB850 Datasheet
37Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Transys Electronics
SB850 TRSYS-SB850 Datasheet
146Kb / 2P
8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB850 WTE-SB850 Datasheet
37Kb / 3P
8.0A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB850 SSE-SB850 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB850 WTE-SB850 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB850

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com