Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2116 Datasheet (PDF) - Supertex, Inc

HV2116 Datasheet PDF - Supertex, Inc
Part # HV2116
Download  HV2116 Download
File Size   90.86 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 8-Channel High Voltage Analog Switch

HV2116 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV2116 Datasheet PDF - Supertex, Inc

Part # HV2116
Download  HV2116 Click to download

File Size   90.86 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 8-Channel High Voltage Analog Switch

HV2116 Datasheet (HTML) - Supertex, Inc


HV2116 Product details

General Description
Not recommended for new designs. Please use HV202 instead.
This device is an 8-channel high-voltage analog switch integrated circuit (IC) intended for use in applications requiring high voltage switching controlled by low voltage control signals, such as ultrasound imaging and printers. Input data is shifted into an 8-bit shift register which can then be retained in an 8-bit latch. To reduce any possible clock feedthrough noise, Latch Enable (LE) should be left high until all bits are clocked in. Using HVCMOS technology, this switch combines high voltage bilateral DMOS switches and low power CMOS logic to provide efficient control of high voltage analog signals.

Features
□ HVCMOS® technology for high performance
□ Very low quiescent power dissipation – 10µA
□ Output On-resistance typically 22 ohms
□ Low parasitic capacitances
□ DC to 10MHz analog signal frequency
□ -50dB typical output off isolation at 5MHz
□ CMOS logic circuitry for low power
□ Excellent noise immunity
□ On-chip shift register, and latch logic circuitry
□ Flexible high voltage supplies
□ Surface mount package available




Similar Part No. - HV2116

ManufacturerPart #DatasheetDescription
logo
Superior Sensors Techno...
HV210 SUPERIOR-SENSORS-HV210 Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
HV210-SM02 SUPERIOR-SENSORS-HV210-SM02 Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
HV210-SM02-C SUPERIOR-SENSORS-HV210-SM02-C Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
HV210-SM02-M SUPERIOR-SENSORS-HV210-SM02-M Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
HV210-SM02-Q SUPERIOR-SENSORS-HV210-SM02-Q Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
More results


Similar Description - HV2116

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV1816 SUTEX-HV1816 Datasheet
34Kb / 6P
8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com