Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV61220ADBV Datasheet (PDF) - Texas Instruments

TLV61220ADBV Datasheet PDF - Texas Instruments
Part # TLV61220ADBV
Download  TLV61220ADBV Download
File Size   1515.64 Kbytes
Page   24 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package

TLV61220ADBV Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV61220ADBV Datasheet PDF - Texas Instruments

Part # TLV61220ADBV
Download  TLV61220ADBV Click to download

File Size   1515.64 Kbytes
Page   24 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package

TLV61220ADBV Datasheet (HTML) - Texas Instruments


TLV61220ADBV Product details

1 Features
• Up to 95% Efficiency at Typical Operating
Conditions
• 5.5μA Quiescent Current
• Startup Into Load at 0.7-V Input Voltage
• Operating Input Voltage from 0.7V to 5.5V
• Pass-Through Function during Shutdown
• Minimum Switching Current 200mA
• Protections:
– Output Overvoltage
– Overtemperature
– Input Undervoltage Lockout
• Adjustable Output Voltage from 1.8V to 5.5V
• Small 6-pin Thin SOT-23 Package

2 Applications
• Battery Powered Applications
– 1 to 3 Cell Alkaline, NiCd or NiMH
– 1 Cell Li-Ion or Li-Primary
• Solar or Fuel Cell Powered Applications
• Consumer and Portable Medical Products
• Personal Care Products
• White or Status LEDs
• Smartphones

3 Description
The TLV61220A device provides a power-supply
solution for products powered by either a singlecell,
two-cell, or three-cell alkaline, NiCd or NiMH,
or one-cell Li-Ion or Li-polymer battery. Possible
output currents depend on the input-to-output voltage
ratio. The boost converter is based on a hysteretic
controller topology using synchronous rectification
to obtain maximum efficiency at minimal quiescent
currents. The output voltage of the adjustable version
can be programmed by an external resistor divider,
or is set internally to a fixed output voltage. The
converter can be switched off by a featured enable
pin. While being switched off, battery drain is
minimized. The device is packaged in a 6-pin thin
SOT-23 package (DBV).




Similar Part No. - TLV61220ADBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220 TI2-TLV61220 Datasheet
1Mb / 25P
TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
REVISED DECEMBER 2014
TLV61220DBV TI2-TLV61220DBV Datasheet
1Mb / 25P
TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
REVISED DECEMBER 2014
TLV61220DBVR TI1-TLV61220DBVR Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220DBVR TI2-TLV61220DBVR Datasheet
1Mb / 25P
TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
REVISED DECEMBER 2014
More results


Similar Description - TLV61220ADBV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
White LED Step-Up Converter In TSOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TPS61220 TI1-TPS61220 Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Texas Instruments
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Richtek Technology Corp...
RT5760 RICHTEK-RT5760 Datasheet
1Mb / 23P
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com