Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV61220 Datasheet (PDF) - Texas Instruments

TLV61220 Datasheet PDF - Texas Instruments
Part # TLV61220
Download  TLV61220 Download
File Size   1313.66 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package

TLV61220 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV61220 Datasheet PDF - Texas Instruments

Part # TLV61220
Download  TLV61220 Click to download

File Size   1313.66 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package

TLV61220 Datasheet (HTML) - Texas Instruments


TLV61220 Product details

1 Features
1• Up to 95% Efficiency at Typical Operating
Conditions
• 5.5-μA Quiescent Current
• Startup Into Load at 0.7-V Input Voltage
• Operating Input Voltage from 0.7 V to 5.5 V
• Pass-Through Function during Shutdown
• Minimum Switching Current 200 mA
• Protections:
– Output Overvoltage
– Overtemperature
– Input Undervoltage Lockout
• Adjustable Output Voltage from 1.8 V to 5.5 V
• Small 6-pin Thin SOT-23 Package

2 Applications
• Battery Powered Applications
– 1 to 3 Cell Alkaline, NiCd or NiMH
– 1 Cell Li-Ion or Li-Primary
• Solar or Fuel Cell Powered Applications
• Consumer and Portable Medical Products
• Personal Care Products
• White or Status LEDs
• Smartphones

3 Description
The TLV61220 device provides a power-supply
solution for products powered by either a single-cell,
two-cell, or three-cell alkaline, NiCd or NiMH, or one-
cell Li-Ion or Li-polymer battery. Possible output
currents depend on the input-to-output voltage ratio.
The boost converter is based on a hysteretic
controller topology using synchronous rectification to obtain maximum efficiency at minimal quiescent
currents. The output voltage of the adjustable version
can be programmed by an external resistor divider, or
is set internally to a fixed output voltage. The converter can be switched off by a featured enable
pin. While being switched off, battery drain is
minimized. The device is packaged in a 6-pin thin
SOT-23 package (DBV).




Similar Part No. - TLV61220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220A TI-TLV61220A Datasheet
1Mb / 24P
TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220ADBV TI-TLV61220ADBV Datasheet
1Mb / 24P
TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220ADBVR TI-TLV61220ADBVR Datasheet
1Mb / 24P
TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220DBVR TI1-TLV61220DBVR Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
More results


Similar Description - TLV61220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
White LED Step-Up Converter In TSOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TPS61220 TI1-TPS61220 Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Texas Instruments
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Richtek Technology Corp...
RT5760 RICHTEK-RT5760 Datasheet
1Mb / 23P
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com