Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS3101 Datasheet (PDF) - Advanced Monolithic Systems

AMS3101 Datasheet PDF - Advanced Monolithic Systems
Part # AMS3101
Download  AMS3101 Download
File Size   463.35 Kbytes
Page   5 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 150mA LOW DROPOUT VOLTAGE REGULATOR

AMS3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS3101 Datasheet PDF - Advanced Monolithic Systems

Part # AMS3101
Download  AMS3101 Click to download

File Size   463.35 Kbytes
Page   5 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 150mA LOW DROPOUT VOLTAGE REGULATOR

AMS3101 Datasheet (HTML) - Advanced Monolithic Systems


AMS3101 Product details

GENERAL DESCRIPTION
The AMS3101 is a 150mA low dropout fixed voltage regulator, featuring an internal electronic switch controlled by TTL or CMOS logic levels. When the Enable pin is pulled to a logic high level, the device is in the ON state. Designed specifically for battery powered applications where low quiescent current, low dropout and low standby current are required, the AMS3101 is ideal to use in standby power systems. Like other regulators the AMS3101 series also includes internal current limiting and thermal shutdown. A high precision 0.6V voltage reference enables the device to provide very low output voltages. A key feature includes a reference bypass pin to improve its low-noise performance for fixed output versions.

FEATURES
• 0.6V to 6V in 100mV increments Voltages Available
• Active High On/Off Control
• Output Current of 150mA
• Quiescent Current of <1µA when in Shutdown
• Low Dropout Voltage of 250mV at 150mA
• Wide Supply Voltage Range 1.5V to 15V
• Short Circuit and Thermal Protection
• Power Good function option
• Ceramic Output Capacitor OK
• Reference bypass for low noise

APPLICATIONS
• Battery Powered Systems
• Cellular Phones
• Cordless Telephones
• Portable (Notebook) Computers
• Portable Instrumentation
• Portable Consumer Equipment
• Personal Communication Equipment
• Radio Control Systems
• Low Voltage Systems
• MP3 Player




Similar Part No. - AMS3101

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2 ADMOS-AMS3100-1.2 Datasheet
76Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
76Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
Battery Powered Systems
More results


Similar Description - AMS3101

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
150mA Low Dropout Voltage Regulator
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com