Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4106 Datasheet (PDF) - Advanced Monolithic Systems

AMS4106 Datasheet PDF - Advanced Monolithic Systems
Part # AMS4106
Download  AMS4106 Download
File Size   430.49 Kbytes
Page   11 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 5A SYNCHRONUS PWM BUCK CONVERTER

AMS4106 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4106 Datasheet PDF - Advanced Monolithic Systems

Part # AMS4106
Download  AMS4106 Click to download

File Size   430.49 Kbytes
Page   11 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 5A SYNCHRONUS PWM BUCK CONVERTER

AMS4106 Datasheet (HTML) - Advanced Monolithic Systems


AMS4106 Product details

GENERAL DESCRIPTION
The AMS4106 is a medium output current synchronous buck converter. The high side device is integrated into the device. The AMS4106 provides an adaptive gate drive for the external FET. For low current operation this can be replaced with a Schottky diode allowing asynchronous operation. The part has either a fixed internal present PWM frequency of 250 kHz, or externally adjustable up to 600 kHz, allowing smaller inductors where efficiency is less critical and faster transient response is needed.
The part uses current mode control for simple compensation and ease of use with low ESR capacitors. It uses a programmable soft start to reduce inrush current and allow large output capacitors to be used where very low ripple is required. The part has enable pin with virtual zero power in shutdown mode. A power good is provided with open collector to facilitate power ready functions. The part is available in SOIC 16 thermally enhanced packages.

FEATURES
• Internal MOSFET driver with Integrated High Side
• Uses External Low Side MOSFET
• Adjustable output voltage dawn to 0.600V
• External Clock Synchronization
• Built in Start/Stop UVLO
• Over Current and Thermal Protection
• Shutdown supply current < 1uA
• Frequency range 100KHz to 750KHz

APPLICATIONS
• LCD TVs and LCD monitors
• Computer Peripherals
• Portable (Notebook) Computers
• Industrial power supply
• Point of regulation for high performance electronics
• Consumer Electronics
• Audio Power Amplifiers




Similar Part No. - AMS4106

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4122 ADMOS-AMS4122 Datasheet
534Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
AMS4122 ADMOS-AMS4122 Datasheet
383Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
AMS4122S ADMOS-AMS4122S Datasheet
534Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
AMS4122S ADMOS-AMS4122S Datasheet
383Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
AMS4122 ADMOS-AMS4122_1 Datasheet
383Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
More results


Similar Description - AMS4106

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
150KHz, 5A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
ON Semiconductor
NCP1512 ONSEMI-NCP1512 Datasheet
77Kb / 12P
PWM Buck Converter
June, 2003 - Rev. 0
logo
E-CMOS Corporation
EC9303 E-CMOS-EC9303 Datasheet
230Kb / 8P
38V 5A Synchronous Buck Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
TECHCODE SEMICONDUCTOR,...
TD7590 TECHCODE-TD7590 Datasheet
427Kb / 13P
5A 240KHZ 36V PWM Buck DC/DC Converter
logo
Fitipower Integrated Te...
FR9809 FITIPOWER-FR9809 Datasheet
1Mb / 13P
21V, 5A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3104 HMSEMI-HM3104 Datasheet
710Kb / 12P
5A 240KHZ 36V PWM Buck DC/DC Converter
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com