Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4122 Datasheet (PDF) - Advanced Monolithic Systems

AMS4122 Datasheet PDF - Advanced Monolithic Systems
Part # AMS4122
Download  AMS4122 Download
File Size   534.07 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8

AMS4122 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4122 Datasheet PDF - Advanced Monolithic Systems

Part # AMS4122
Download  AMS4122 Click to download

File Size   534.07 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8

AMS4122 Datasheet (HTML) - Advanced Monolithic Systems


AMS4122 Product details

GENERAL DESCRIPTION
AMS4122 is a dual switching regulator capable to deliver 2A for each channel. Internally Compensated internal Soft Start makes AMS4122 one of the simplest and easiest switching regulators to use with the minimum external components. Each regulator has independent hiccup current limit. The Enable pin turns both devices on when a voltage of 2.5V or higher it is applied to EN pin. Since both devices share one single package the thermal protection turns off both devices when the die temperature exceeds approximately 135°C. Both regulators are adjustable using a 0.600V reference for low output voltage settings. The oscillators are 180° phase to each other to reduce the ripples on the input power supply and minimize the power dissipation on the package.

FEATURES
• 2 Independent Asynchronous Buck Converters in SO-8
• Internally compensated
• Built in soft start
• Enable with Zero current shut down
• 400KHz switching per output
• Interleaved oscillator to reduced supply ripple
• Simply re-configures to 2 phase single output
• Up to 4A output in 2 phase mode
• Independent hiccup current limit

APPLICATIONS
• Audio Power Amplifiers
• Portable (Notebook) Computers
• Point of regulation for high performance electronics
• Consumer Electronics
• Desktop Computers
• LCD TVs and LCD monitors
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators




Similar Part No. - AMS4122

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4122 ADMOS-AMS4122 Datasheet
383Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
AMS4122S ADMOS-AMS4122S Datasheet
383Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
AMS4122 ADMOS-AMS4122_1 Datasheet
383Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
More results


Similar Description - AMS4122

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
logo
Advanced Monolithic Sys...
AMS4122 ADMOS-AMS4122_1 Datasheet
383Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
logo
Diodes Incorporated
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
logo
ON Semiconductor
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
2A, 1.25MHz Synchronous Buck Converter
logo
E-CMOS Corporation
EC3282S E-CMOS-EC3282S Datasheet
997Kb / 9P
2A, 28V, Buck Converter
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com