Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-42KF-R1-V Datasheet (PDF) - Eravant

SWC-42KF-R1-V Datasheet PDF - Eravant
Part # SWC-42KF-R1-V
Download  SWC-42KF-R1-V Download
File Size   331.2 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description K-Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe

SWC-42KF-R1-V Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-42KF-R1-V Datasheet PDF - Eravant

Part # SWC-42KF-R1-V
Download  SWC-42KF-R1-V Click to download

File Size   331.2 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description K-Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe

SWC-42KF-R1-V Datasheet (HTML) - Eravant


SWC-42KF-R1-V Product details

FEATURES
Thermal Vacuum Safe
Full Band Coverage
Lower Insertion Loss and VSWR
Instrumentation Grade
DC Open Circuit
APPLICATIONS
Thermal Vacuum Chamber
Test Lab
Instrumentations
Sub-assemblies




Similar Part No. - SWC-42KF-R1-V

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-42KF-E1 ERAVANT-SWC-42KF-E1 Datasheet
270Kb / 3P
K-Band Waveguide to K Connector Adapter, End Launch
Rev 1.2
SWC-42KF-E1-U220 ERAVANT-SWC-42KF-E1-U220 Datasheet
333Kb / 3P
K-Band Waveguide to K Connector Adapter, Non-Standard UBR220 Flange, End Launch
Rev 1.1
SWC-42KF-E1-V ERAVANT-SWC-42KF-E1-V Datasheet
294Kb / 3P
K-Band Waveguide to 2.92mm Connector Adapter, End Launch, Thermal Vacuum Safe
Rev 1.0
SWC-42KF-E1-WR ERAVANT-SWC-42KF-E1-WR Datasheet
415Kb / 3P
K-Band Waveguide to Coax Panel Mount Adapter, End Launch
Rev 1.2
More results


Similar Description - SWC-42KF-R1-V

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
logo
Pasternack Enterprises,...
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
logo
Pasternack Enterprises,...
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
PE91513 PASTERNACK-PE91513 Datasheet
496Kb / 3P
1.85mm Female to 2.92mm Female Miter Right Angle Adapter
REV 1.0
PE91519 PASTERNACK-PE91519 Datasheet
499Kb / 3P
1.85mm Male to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com